Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2604 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA2604
Description  Dual FET-Input, Low-Distortion Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2604 Datasheet(HTML) 3 Page - Texas Instruments

  OPA2604 Datasheet HTML 1Page - Texas Instruments OPA2604 Datasheet HTML 2Page - Texas Instruments OPA2604 Datasheet HTML 3Page - Texas Instruments OPA2604 Datasheet HTML 4Page - Texas Instruments OPA2604 Datasheet HTML 5Page - Texas Instruments OPA2604 Datasheet HTML 6Page - Texas Instruments OPA2604 Datasheet HTML 7Page - Texas Instruments OPA2604 Datasheet HTML 8Page - Texas Instruments OPA2604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
2
3
4
Output A
–In A
+In A
V–
8
7
6
5
V+
Output B
–In B
+In B
OPA2604
www.ti.com
SBOS006A – SEPTEMBER 2000 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
P and D Packages
8-Pin PDIP and SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
Output A
O
Output channel A
2
–In A
I
Inverting input channel A
3
+In A
I
Noninverting input channel A
4
V–
I
Negative power supply
5
+In B
I
Noninverting input channel B
6
–In B
I
Inverting input channel B
7
Output B
O
Output channel B
8
V+
I
Positive power supply
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA2604


Similar Part No. - OPA2604

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604 Datasheet
214Kb / 12P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA2604 BURR-BROWN-OPA2604 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
OPA2604-Q1 TI-OPA2604-Q1 Datasheet
309Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFER
2011
logo
Burr-Brown (TI)
OPA2604AP BURR-BROWN-OPA2604AP Datasheet
214Kb / 12P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2604

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604 Datasheet
214Kb / 12P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI-OPA2604-Q1 Datasheet
309Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFER
2011
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
logo
NEC
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
   J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com