Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA376AIDG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA376AIDG4
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA376AIDG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA376AIDG4 Datasheet HTML 5Page - Texas Instruments OPA376AIDG4 Datasheet HTML 6Page - Texas Instruments OPA376AIDG4 Datasheet HTML 7Page - Texas Instruments OPA376AIDG4 Datasheet HTML 8Page - Texas Instruments OPA376AIDG4 Datasheet HTML 9Page - Texas Instruments OPA376AIDG4 Datasheet HTML 10Page - Texas Instruments OPA376AIDG4 Datasheet HTML 11Page - Texas Instruments OPA376AIDG4 Datasheet HTML 12Page - Texas Instruments OPA376AIDG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
OPA376, OPA2376, OPA4376
www.ti.com
SBOS406G – JUNE 2007 – REVISED DECEMBER 2015
Electrical Characteristics (continued)
At TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
SC70-5, SOT23-5, SO-8,
VSSOP-8, and TSSOP-14
10
20
mV
TA = 25°C, RL = 10 kΩ
packages only
DSBGA package only
20
30
mV
TA = –40°C to +125°C, RL = 10 kΩ
40
mV
Voltage output swing from
rail
SC70-5, SOT23-5, SO-8,
VSSOP-8, and TSSOP-14
40
50
mV
TA = 25°C, RL = 2 kΩ
packages only
DSBGA package only
50
60
mV
TA = –40°C to +125°C, RL = 2 kΩ
80
mV
ISC
Short-circuit current
+30, –50
mA
CLOAD
Capacitive load drive
See Typical Characteristics
Open-loop output
RO
150
impedance
POWER SUPPLY
VS
Specified voltage range
2.2
5.5
V
Operating voltage range
2 to 5.5
V
760
950
μA
TA = 25°C, IO = 0, VS = 5.5 V, VCM < (V
+) – 1.3 V
Quiescent current per
IQ
amplifier
TA = –40°C to +125°C
1
mA
TEMPERATURE
Specified range
–40
125
°C
Operating range
–40
150
°C
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA376 OPA2376 OPA4376


Similar Part No. - OPA376AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376AIDG4 BURR-BROWN-OPA376AIDG4 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376AIDG4 TI-OPA376AIDG4 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results

Similar Description - OPA376AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA2376AIYZDR TI-OPA2376AIYZDR Datasheet
1Mb / 30P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com