Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2604AP Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA2604AP
Description  Dual FET-Input, Low-Distortion Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2604AP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA2604AP Datasheet HTML 4Page - Texas Instruments OPA2604AP Datasheet HTML 5Page - Texas Instruments OPA2604AP Datasheet HTML 6Page - Texas Instruments OPA2604AP Datasheet HTML 7Page - Texas Instruments OPA2604AP Datasheet HTML 8Page - Texas Instruments OPA2604AP Datasheet HTML 9Page - Texas Instruments OPA2604AP Datasheet HTML 10Page - Texas Instruments OPA2604AP Datasheet HTML 11Page - Texas Instruments OPA2604AP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
1ms
2
ms
+100
–100
Time (µs)
–10
FPO
Bleed to edge
0
5
10
+10
Time (µs)
Frequency (Hz)
10k
30
20
10
0
100k
1M
10M
V = ±15V
S
Ambient Temperature (°C)
–75
14
12
10
8
6
–50
–25
0
25
50
75
100
125
V
S = ±24VDC
V
S = ±15VDC
V
S = ±5VDC
Total for Both Op Amps
Closed-Loop Gain (V/V)
–1
5
4
3
2
1
0
–10
–100
–1000
0.01%
0.1%
V
O = 10V Step
R
L = 1k
C
L = 50pF
Frequency (Hz)
10
160
140
120
100
80
100
1k
10k
100k
VO =
20Vp-p
A
B
RL
R
L = 1k
R
L = ¥
Measured
Output
OPA2604
SBOS006A – SEPTEMBER 2000 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V (unless otherwise noted)
Figure 13. Settling Time vs Closed-Loop Gain
Figure 14. Channel Separation vs Frequency
Figure 15. Maximum Output Voltage Swing vs Frequency
Figure 16. Supply Current vs Temperature
Figure 17. Large-Signal Transient Response
Figure 18. Small-Signal Transient Response
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: OPA2604


Similar Part No. - OPA2604AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2604AP BURR-BROWN-OPA2604AP Datasheet
214Kb / 12P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA2604AP BURR-BROWN-OPA2604AP Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA2604APG4 BURR-BROWN-OPA2604APG4 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2604AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2604 BURR-BROWN-OPA2604 Datasheet
214Kb / 12P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
OPA2604 BURR-BROWN-OPA2604_06 Datasheet
165Kb / 14P
   Dual FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI1-OPA2604-Q1 Datasheet
310Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFIER
OPA604 TI-OPA604_07 Datasheet
693Kb / 16P
[Old version datasheet]   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA604 BURR-BROWN-OPA604 Datasheet
178Kb / 12P
   FET-Input, Low Distortion OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2604-Q1 TI-OPA2604-Q1 Datasheet
309Kb / 16P
[Old version datasheet]   DUAL FET-INPUT, LOW DISTORTION OPERATIONAL AMPLIFER
2011
OPA1656 TI1-OPA1656 Datasheet
611Kb / 23P
[Old version datasheet]   Ultra-low-noise, low-distortion, FET-input, Burr-Brown audio operational amplifier
logo
NEC
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
   J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com