Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4188AID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4188AID
Description  Zero-Drift Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4188AID Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA4188AID Datasheet HTML 6Page - Texas Instruments OPA4188AID Datasheet HTML 7Page - Texas Instruments OPA4188AID Datasheet HTML 8Page - Texas Instruments OPA4188AID Datasheet HTML 9Page - Texas Instruments OPA4188AID Datasheet HTML 10Page - Texas Instruments OPA4188AID Datasheet HTML 11Page - Texas Instruments OPA4188AID Datasheet HTML 12Page - Texas Instruments OPA4188AID Datasheet HTML 13Page - Texas Instruments OPA4188AID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
15
10
5
0
5
10
15
-
-
-
-
20
-
15
-
10
-
5
0
20
V
(V)
CM
5TypicalUnitsShown
V = 18V
S
±
15
10
5
15
10
5
0
5
10
15
-
-
-
0
2
4
6
8
20
V
(V)
SUPPLY
5TypicalUnitsShown
V
= 2Vto 18V
SUPPLY
±
±
16
12
10
18
14
150
15
10
5
0
5
10
15
-
-
-
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
5 Typical Units Shown
V = 18 V
S
±
15
10
5
0
5
10
15
-
-
-
-
2.5
-
2
-
1.5
-
1
-
0.5
0
2.5
V
(V)
CM
5TypicalUnitsShown
V = 2V
S
±
2
1.5
1
0.5
OffsetVoltageDrift( V/ C)
m
°
40
35
30
25
20
15
10
5
0
DistributionTakenFrom78Amplifiers
OffsetVoltage( V)
m
20
18
16
14
12
10
8
6
4
2
0
DistributionTakenFrom1400Amplifiers
OPA4188
SBOS641C – JUNE 2012 – REVISED NOVEMBER 2015
www.ti.com
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 1. Offset Voltage Production Distribution
Figure 2. Offset Voltage Drift Distribution
Figure 3. Offset Voltage vs Temperature
Figure 4. Offset Voltage vs Common-Mode Voltage
Figure 5. Offset Voltage vs Common-Mode Voltage
Figure 6. Offset Voltage vs Power Supply
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: OPA4188


Similar Part No. - OPA4188AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4188AID TI1-OPA4188AID Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188AIDR TI1-OPA4188AIDR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4188AID

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
   Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
   Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
   Zero Drift operational amplifiers
logo
Texas Instruments
TLV333 TI1-TLV333 Datasheet
918Kb / 34P
[Old version datasheet]   CMOS Operational Amplifiers Zero-Drift
logo
Linear Technology
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
   Dual/Quad Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com