Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2461QDRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2461QDRQ1
Description  Low-Power Rail-to-Rail Input/Output Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2461QDRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2461QDRQ1 Datasheet HTML 1Page - Texas Instruments TLV2461QDRQ1 Datasheet HTML 2Page - Texas Instruments TLV2461QDRQ1 Datasheet HTML 3Page - Texas Instruments TLV2461QDRQ1 Datasheet HTML 4Page - Texas Instruments TLV2461QDRQ1 Datasheet HTML 5Page - Texas Instruments TLV2461QDRQ1 Datasheet HTML 6Page - Texas Instruments TLV2461QDRQ1 Datasheet HTML 7Page - Texas Instruments TLV2461QDRQ1 Datasheet HTML 8Page - Texas Instruments TLV2461QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
TLV2460-Q1, TLV2460A-Q1, TLV2461-Q1, TLV2461A-Q1
TLV2462-Q1, TLV2462A-Q1, TLV2463-Q1, TLV2463A-Q1, TLV2464A-Q1
SGLS008F – MARCH 2003 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
9.1
Overview ................................................................. 21
1
Features .................................................................. 1
9.2
Functional Block Diagram ....................................... 21
2
Applications ........................................................... 1
9.3
Feature Description................................................. 21
3
Description ............................................................. 1
9.4
Device Functional Modes........................................ 23
4
Revision History..................................................... 2
10
Application and Implementation........................ 24
5
Device Comparison Table..................................... 3
10.1
Application Information.......................................... 24
6
Pin Configuration and Functions ......................... 4
10.2
Typical Application ............................................... 26
7
Specifications......................................................... 6
11
Power Supply Recommendations ..................... 27
7.1
Absolute Maximum Ratings ..................................... 6
12
Layout................................................................... 28
7.2
ESD Ratings.............................................................. 6
12.1
Layout Guidelines ................................................. 28
7.3
Recommended Operating Conditions ....................... 6
12.2
Layout Example .................................................... 28
7.4
Thermal Information — 8 Pins ................................. 7
13
Device and Documentation Support ................. 29
7.5
Thermal Information — 14 pins................................. 7
13.1
Documentation Support ....................................... 29
7.6
Electrical Characteristics - VDD = 3 V ....................... 8
13.2
Related Links ........................................................ 29
7.7
Electrical Characteristics - VDD = 5 V ....................... 9
13.3
Community Resources.......................................... 29
7.8
Operating Characteristics - VDD = 3 V .................... 10
13.4
Trademarks ........................................................... 29
7.9
Operating Characteristics - VDD = 5 V .................... 10
13.5
Electrostatic Discharge Caution ............................ 29
7.10
Typical Characteristics .......................................... 12
13.6
Glossary ................................................................ 29
8
Parameter Measurement Information ................ 21
14
Mechanical, Packaging, and Orderable
9
Detailed Description ............................................ 21
Information ........................................................... 30
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (October 2012) to Revision F
Page
Added AEC-Q100 bulleted items ........................................................................................................................................... 1
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Changed TLV2464AQDRQ1 Product Preview to Active ....................................................................................................... 3
Deleted TLV2464-Q1 part numbers in Device Comparison Table and Product Preview note .............................................. 3
Deleted D package from TLV2460-Q1, TLV2461-Q1, TLV2463-Q1, and TLV2464A-Q1 and added TLV246xA-Q1
device number to pin drawings............................................................................................................................................... 4
Deleted table note 3 reference to JESD 51-5 from Absolute Maximum Ratings table .......................................................... 6
Changes from Revision D (September 2010) to Revision E
Page
Changed device names from TLV246xx to TLV246xx-Q1 throughout document.................................................................. 1
Removed package column from ordering information table................................................................................................... 3
Changed IDD unit from µA to mA. .......................................................................................................................................... 8
Changed IDD unit from µA to mA ............................................................................................................................................ 9
2
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: TLV2460-Q1 TLV2460A-Q1 TLV2461-Q1 TLV2461A-Q1 TLV2462-Q1 TLV2462A-Q1 TLV2463-
Q1 TLV2463A-Q1 TLV2464A-Q1


Similar Part No. - TLV2461QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2461QDRQ1 TI-TLV2461QDRQ1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2461QDRQ1 TI1-TLV2461QDRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2461QDRQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
   INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
August 1999
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1871 STMICROELECTRONICS-TS1871_08 Datasheet
427Kb / 26P
   1.8V input/output rail-to-rail low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
   1.8V input/output rail-to-rail Low power operational amplifiers
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
   1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
   1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com