Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV425 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV425
Description  DRV425 Fluxgate Magnetic-Field Sensor
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV425 Datasheet(HTML) 5 Page - Texas Instruments

  DRV425 Datasheet HTML 1Page - Texas Instruments DRV425 Datasheet HTML 2Page - Texas Instruments DRV425 Datasheet HTML 3Page - Texas Instruments DRV425 Datasheet HTML 4Page - Texas Instruments DRV425 Datasheet HTML 5Page - Texas Instruments DRV425 Datasheet HTML 6Page - Texas Instruments DRV425 Datasheet HTML 7Page - Texas Instruments DRV425 Datasheet HTML 8Page - Texas Instruments DRV425 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
DRV425
www.ti.com
SBOS729 – OCTOBER 2015
6.5 Electrical Characteristics
All minimum and maximum specifications are at TA = 25°C, VDD = 3.0 V to 5.5 V, and IDRV1 = IDRV2 = 0 mA, unless otherwise
noted. Typical values are at VDD = 5.0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FLUXGATE SENSOR FRONT-END
Offset
No magnetic field
–8
±2
8
µT
Offset drift
No magnetic field
±5
nT/°C
G
Gain
Current at DRV1 and DRV2 outputs
12.2
mA/mT
Gain error
±0.04%
Gain drift
Best-fit line method
±7
ppm/°C
Linearity error
0.1%
Hysteresis
Magnetic field sweep from –10 mT to 10 mT
1.4
µT
Noise
f = 0.1 Hz to 10 Hz
17
nTrms
Noise density
f = 1 kHz
1.5
nT/
√Hz
Compensation range
–2
2
mT
Saturation trip level for the
Open-loop, uncompensated field
1.6
mT
ERROR pin(1)
ERROR delay
Open-loop at B > 1.6 mT
4 to 6
µs
BSEL = 0, RSHUNT = 22 Ω
32
BW
Bandwidth
kHz
BSEL = 1, RSHUNT = 22 Ω
47
VDD = 5 V
250
IOS
Short-circuit current
mA
VDD = 3.3 V
150
Common-mode output voltage at the
VREFOUT
V
DRV1 and DRV2 pins
Compensation coil resistance
100
Ω
SHUNT-SENSE AMPLIFIER
VOO
Output offset voltage
VAINP = VAINN = VREFIN, VDD = 3.0 V
–0.075
±0.01
0.075
mV
Output offset voltage drift
–2
±0.4
2
µV/°C
CMRR
Common-mode rejection ratio, RTO(2)
VCM = –1 V to VDD + 1 V, VREFIN = VDD / 2
–250
±50
250
µV/V
PSRRAMP
Power-supply rejection ratio, RTO(2)
VDD = 3.0 V to 5.5 V, VCM = VREFIN
–50
±4
50
µV/V
VICR
Common-mode input voltage range
–1
VDD + 1
V
zid
Differential input impedance
16.5
20
23.5
k
Ω
zic
Common-mode input impedance
40
50
60
k
Ω
Gnom
Nominal gain
VVOUT / (VAINP – VAINN)
4
V/V
EG
Gain error
–0.3%
±0.02%
0.3%
Gain error drift
–5
±1
5
ppm/°C
Linearity error
12
ppm
VDD = 5.5 V, IVOUT = 2.5 mA
48
85
Voltage output swing from negative
mV
rail (OR pin trip level)(1)
VDD = 3.0 V, IVOUT = 2.5 mA
56
100
VDD = 5.5 V, IVOUT = –2.5 mA
VDD – 85
VDD – 48
Voltage output swing from positive rail
mV
(OR pin trip level)(1)
VDD = 3.0 V, IVOUT = –2.5 mA
VDD – 100
VDD – 56
Signal overrange indication delay
VIN = 1-V step
2.5 to 3.5
µs
(OR pin)(1)
VOUT connected to GND
–18
IOS
Short-circuit current
mA
VOUT connected to VDD
20
BW–3dB
Bandwidth
2
MHz
SR
Slew rate
6.5
V/µs
Large signal
ΔV = ± 2 V to 1%, no external filter
0.9
tsa
Settling time
µs
Small signal
ΔV = ± 0.4 V to 0.01%
8
en
Output voltage noise density
f = 1 kHz, compensation loop disabled
170
nV/
√Hz
VREFIN
Input voltage range at pin REFIN
Input voltage range at REFIN pin
GND
VDD
V
(1)
See the Magnetic Field Range, Overrange Indicator, and Error Flag section for details on the behavior of the ERROR and OR outputs.
(2)
Parameter value is referred-to-output (RTO).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DRV425


Similar Part No. - DRV425

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV425 TI1-DRV425 Datasheet
784Kb / 38P
[Old version datasheet]   DRV425-Q1 Automotive, Integrated Fluxgate Magnetic-Field Sensor
DRV425-Q1 TI1-DRV425-Q1 Datasheet
784Kb / 38P
[Old version datasheet]   DRV425-Q1 Automotive, Integrated Fluxgate Magnetic-Field Sensor
DRV425QWRTJRQ1 TI1-DRV425QWRTJRQ1 Datasheet
784Kb / 38P
[Old version datasheet]   DRV425-Q1 Automotive, Integrated Fluxgate Magnetic-Field Sensor
More results

Similar Description - DRV425

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV425-Q1 TI1-DRV425-Q1 Datasheet
784Kb / 38P
[Old version datasheet]   DRV425-Q1 Automotive, Integrated Fluxgate Magnetic-Field Sensor
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
   Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
MB60-12GM50-E2 PF-MB60-12GM50-E2 Datasheet
252Kb / 2P
   Magnetic field sensor
MB80-12GM50-E0-PUR PF-MB80-12GM50-E0-PUR Datasheet
131Kb / 1P
   Magnetic field sensor
MC60-12GM50-1N PF-MC60-12GM50-1N Datasheet
208Kb / 2P
   Magnetic field sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com