Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS125GDS30 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OS125GDS30
Description  Switch fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS125GDS30 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OS125GDS30 Datasheet HTML 3Page - List of Unclassifed Manufacturers OS125GDS30 Datasheet HTML 4Page - List of Unclassifed Manufacturers OS125GDS30 Datasheet HTML 5Page - List of Unclassifed Manufacturers OS125GDS30 Datasheet HTML 6Page - List of Unclassifed Manufacturers OS125GDS30 Datasheet HTML 7Page - List of Unclassifed Manufacturers OS125GDS30 Datasheet HTML 8Page - List of Unclassifed Manufacturers OS125GDS30 Datasheet HTML 9Page - List of Unclassifed Manufacturers OS125GDS30 Datasheet HTML 10Page - List of Unclassifed Manufacturers OS125GDS30 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Switch fuses OS32...160 A Gamma Series | Ordering information 7
Ordering information
Front operated switch fuses
Including a black ON-OFF plastic handle and shaft as standard. OS60G_ include protected tunnel
terminals (IP20) and OS100G_include a terminal bolt kit. The handle is IP65 protected, Nema type
1, 3R, 12, padlockable in the OFF-position and with door interlock in the ON-position and when
padlocked. The shaft is adjustable for a range of installation depths.
Ampere
Horse power Fuse
Number
Type
Order number
Units/
Weight/
rating
ratings
size
of
type
unit
[A]
3-phase
poles
[pcs]
[kg]
240/480/600V
[HP]
Mechanism between the poles
60
15/30/50
J, 60A
3
OS60GJ12P
1SCA115449R1001 1
1.3
60
15/30/50
J, 60A
4
OS60GJ22FP
1SCA115469R1001 1
1.6
100
30/60/75
J, 100A
3
OS100GJ12P
1SCA115666R1001 1
1.5
100
30/60/75
J, 100A
4
OS100GJ22FP
1SCA114636R1001 1
1.8
Mechanism at the end of the switch fuse
60
15/30/50
J, 60A
3
OS60GJ03P
1SCA115443R1001 1
1.3
60
15/30/50
J, 60A
4
OS60GJ04FP
1SCA115446R1001 1
1.6
100
30/60/75
J, 100A
3
OS100GJ03P
1SCA114639R1001 1
1.5
100
30/60/75
J, 100A
4
OS100GJ04FP
1SCA115439R1001 1
1.8
Side operated switch fuses without handle and shaft
OS60G_ include protected tunnel terminals (IP20) and OS100G include a terminal bolt kit.
Ampere
Horse power Fuse
Number
Type
Order number
Units/
Weight/
rating
ratings
size
of
type
unit
[A]
3-phase
poles
[pcs]
[kg]
240/480/600V
[HP]
60
15/30/50
J, 60A
3
OS60GJS30
1SCA116051R1001 1
1.3
60
15/30/50
J, 60A
4
OS60GJS40F
1SCA115970R1001 1
1.6
100
30/60/75
J, 100A
3
OS100GJS30
1SCA115971R1001 1
1.5
100
30/60/75
J, 100A
4
OS100GJS40F
1SCA115972R1001 1
1.8
Shafts and handles included as standard /
Front operated switch fuses
Suitable for switches
Included shaftIncluded handle
Included terminal bolts
OS60G_
OXP6X161
OHB45J6
OS100G_
OXP6X161
OHB65J6
M8x25
Switch fuses OS32G...160G_, UL-types
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
ON
ON
O
F
F
O
F
F
ON
ON
OFF
OFF
OS100G_03P
OS60G_03P
ON
ON
O
F
F
O
F
F
ON
ON
O
F
F
O
F
F
OS60GJS_
(handle and the shaft to be
ordered separately)
OS100GJS_
(handle and the shaft to be
ordered separately)


Similar Part No. - OS125GDS30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OS1200L03 ETC2-OS1200L03 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
logo
OSRAM GmbH
OS128064PK10MG1B10 OSRAM-OS128064PK10MG1B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK10MO1B10 OSRAM-OS128064PK10MO1B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK10MW1B10 OSRAM-OS128064PK10MW1B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK10MY0B10 OSRAM-OS128064PK10MY0B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
More results

Similar Description - OS125GDS30

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-008-4650 HARTING-09-12-008-4650 Datasheet
548Kb / 2P
   Han-Power S metal w. switch/fuses/LEDs
2021-11-20
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
   FUSES
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com