Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS125GDS40N2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OS125GDS40N2
Description  Switch fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS125GDS40N2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OS125GDS40N2 Datasheet HTML 1Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 2Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 3Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 4Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 5Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 6Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OS125GDS40N2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OS
OS
OS
OS
OS
Switch size
A
32
50
63
125
160
Rated insulation voltage
Pollution degree 3
V
1 000
1 000
1 000
1 000
1 000
Dielectric strength
50 Hz 1min.
kV
10
10
10
10
10
Rated impulse withstand voltage
kV
12
12
12
12
12
Rated thermal current in ambient 40 °C 2) /
In enclosure
A/W 32/7.5 50/7.5 63/7.5 125/12 160/12
max. fuse power dissipation1)
...with minimum cable cross section
Cu
mm2
6
10
16
50
70
Rated operational voltage AC-20 and DC-20
V
1 000
1 000
1 000
1 000
1 000
Rated operational current, AC-21
up to 500 V
A
32
50
63
125
160
690 V
A
32
50
63
125
160
Rated operational current, AC-22
up to 500 V
A
32
50
63
125
160
690 V
A
32
50
63
125
160
Rated operational current, AC-23
up to 500 V
A
32
50
63
125
160
690 V
A
32
50
63
125
160
Rated operational power, AC-234)
The kW-ratings are accurate
230 V
kW
7.5
11
18.5
37
45
for three-phase 1500 R.P.M.
400 V
kW
15
22
30
55
75
standard asynchronous motors. 415 V
kW
15
22
30
55
75
500 V
kW
18.5
30
37
75
90
690 V
kW
22
37
55
110
132
Rated breaking capacity in category AC-23
up to 690 V
A
504
504
504
1280
1280
Rated conditional short-circuit current
I
p (r.m.s.)
100 kA, 500 V
kA
12
12
12
25
25
I
p (r.m.s.) and corresponding max. allowed
Fuse size
OFAA/OFAM
A
63/63
63/63
63/63 160/160 160/160
cut-off current î
c
Power loss / pole
With rated current, without fuse
W
1
2.5
4
5
9
Mechanical endurance
Divide by two for oper. cycles
Oper. 20 000 20 000 20 000 20 000 20 000
Fuse types, IEC 60269-2-1
DIN 43620
000
000
000, 00 000, 00
NFC 63210, 63211
14x51
22x58
BS 88-2, -6 -size /
A2-A3
A2-A3 A2-A43) A2-A43)
distance of fuse-link bolts
mm
M5/73
M5/73 M5/73,
M8/94
M5/73,
M8/94
Weight without accessories
3-pole switch fuses
kg
1.3
1.3
1.3
1.5
1.5
4-pole switch fuses
kg
1.6
1.6
1.6
1.8
1.8
Built-in terminal size
Cu
mm2 2.5...25 2.5...25 2.5...25
Terminal bolt size (included)
Metric thread diameter x length
mm
M8x25 M8x25
Terminal tightening torque
Counter torque required
Nm
3.5
3.5
3.5
15-22
15-22
Fuse-links bolts tightening torque
Nm
3.5
3.5
M5:3.5
M8:5
M5:3.5
M8:5
Operating torque
Typical for 3-pole switch fuses
Nm
5
5
5
7
7
Technical data according to IEC 60947-3
Placing options of the operating mechanism
At the end of the switch
fuse OS_03 or 04
Between the poles
OS_12 or 22
Side operated types OS_30 or 40
OS_03 or 04
Switch fuses OS32...160 A Gamma Series | Technical data 3
1)
Ambient temperature 60 °C: derating 20%.
2)
Acc. to IEC 60947-1, § 6.1.1.
3)
Max. fuse body diam. 32 mm.
The technical data is valid at the time of printing.
We reserve the right to subsequent alterations.
4)
Some fuse links limit these figures further.
Starting current characteristics must be
considered separately
Technical data
Switch fuses OS32G_...160G_


Similar Part No. - OS125GDS40N2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OS1200L03 ETC2-OS1200L03 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
logo
OSRAM GmbH
OS128064PK10MG1B10 OSRAM-OS128064PK10MG1B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK10MO1B10 OSRAM-OS128064PK10MO1B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK10MW1B10 OSRAM-OS128064PK10MW1B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
OS128064PK10MY0B10 OSRAM-OS128064PK10MY0B10 Datasheet
299Kb / 2P
   OLED DISPLAY SOLUTIONS
More results

Similar Description - OS125GDS40N2

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-008-4650 HARTING-09-12-008-4650 Datasheet
548Kb / 2P
   Han-Power S metal w. switch/fuses/LEDs
2021-11-20
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
   FUSES
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com