Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS160GB22N1P Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # OS160GB22N1P
Description  Switch fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS160GB22N1P Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OS160GB22N1P Datasheet HTML 4Page - List of Unclassifed Manufacturers OS160GB22N1P Datasheet HTML 5Page - List of Unclassifed Manufacturers OS160GB22N1P Datasheet HTML 6Page - List of Unclassifed Manufacturers OS160GB22N1P Datasheet HTML 7Page - List of Unclassifed Manufacturers OS160GB22N1P Datasheet HTML 8Page - List of Unclassifed Manufacturers OS160GB22N1P Datasheet HTML 9Page - List of Unclassifed Manufacturers OS160GB22N1P Datasheet HTML 10Page - List of Unclassifed Manufacturers OS160GB22N1P Datasheet HTML 11Page - List of Unclassifed Manufacturers OS160GB22N1P Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 Dimension drawings | Switch fuses OS32...160 A Gamma Series
T
O
O
F
F
ON
95,5
43
17,5
53,3
33,4
20
8,5 7,2
5,5
114,5
M5
46
35
A
C
65
45
81
138...205 (OXP 6x161)
38
2,5
140
14 min
B
6
OS100-160GD/F
mm
OS100-160GB
mm
D/F01 D/F02 D/F03 D/F04 B01 B02 B03 B04
A
B
C
A1
B1
C1
76,5
130
100
55
70
85
111,5
130
100
90
105
120
146,5
130
100
125
140
155
181,5
130
100
160
175
190
76,5
114,5
118
55
70
85
111,5
114,5
118
90
105
120
146,5
114,5
118
125
140
155
181,5
114,5
118
160
175
190
T
O
O
F
F
ON
T
O
O
F
F
ON
T
O
O
F
F
ON
10
114
A1
B1
110
17,5
C1
84
25
T
O
O
F
F
ON
95,5
43
36
33,4
20
8,5
7,2
5,5
71,5
35
D
A
M5
114,5
C
65
6
45
81
138...205 (OXP 6x161)
38
2,5
20
140
14 min
B
OS100-160GD/F
OS100-160GB
mm
mm
A
B
C
D
A1
A2
B1
B2
C1
C2
D/F11 D/F12 D/F13 D/F22 B11 B12 B13 B22
113
130
100
81
90
45
105
52,5
120
60
148
130
100
81
125
45
140
52,5
155
60
183
130
100
81
160
45
175
52,5
190
60
183
130
100
116
160
80
175
87,5
190
95
113
114,5
118
81
90
45
105
52,5
120
60
148
114,5
118
81
125
45
140
52,5
155
60
183
114,5
118
81
160
45
175
52,5
190
60
183
114,5
118
116
160
80
175
87,5
190
95
T
O
O
F
F
ON
T
O
O
F
F
ON
T
O
O
F
F
ON
A2
114
A1
110
B2
B1
84
C1
C2
Switch fuses OS32G...160G_
Dimension drawings
OS125...160G_
XXXXXXXxxx


Similar Part No. - OS160GB22N1P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
OS10 MICROCHIP-OS10 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
PREMIER DEVICES, INC.
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
   Superior return loss performance
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
   Superior return loss performance
logo
RF Micro Devices
OS10040280GW RFMD-OS10040280GW Datasheet
336Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
logo
Qorvo, Inc
OS10040280GW QORVO-OS10040280GW Datasheet
336Kb / 4P
   GaAs Optical Receiver 40MHz to 1000MHz
More results

Similar Description - OS160GB22N1P

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-008-4650 HARTING-09-12-008-4650 Datasheet
548Kb / 2P
   Han-Power S metal w. switch/fuses/LEDs
2021-11-20
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
   FUSES
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com