Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS32GB03P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OS32GB03P
Description  Switch fuses
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS32GB03P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OS32GB03P Datasheet HTML 1Page - List of Unclassifed Manufacturers OS32GB03P Datasheet HTML 2Page - List of Unclassifed Manufacturers OS32GB03P Datasheet HTML 3Page - List of Unclassifed Manufacturers OS32GB03P Datasheet HTML 4Page - List of Unclassifed Manufacturers OS32GB03P Datasheet HTML 5Page - List of Unclassifed Manufacturers OS32GB03P Datasheet HTML 6Page - List of Unclassifed Manufacturers OS32GB03P Datasheet HTML 7Page - List of Unclassifed Manufacturers OS32GB03P Datasheet HTML 8Page - List of Unclassifed Manufacturers OS32GB03P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Switch fuses for extreme conditions
- OS 32…160 Gamma series
2 Product overview | Switch fuses OS32...160 A Gamma series
Compact construction
- Intelligent construction in combination with a small number
of components results in a very compact mechanism
design
- Very small footprint area
Space savings mean cost reduction!
Designed for safety
- The frame is made of robust plastic with excellent
mechanical and thermal properties.
- Voltage output pins (as standard)
- Pole markings as standard
- The fuse covers cannot be opened while the switch fuse
is in the ON-position and can be sealed in the closed
position.
You take no risks with OS32...160 Gamma switch fuses
Our new series comprises of
two frame sizes OS32G_...63G_
and OS100G_...160G_.
Numerous applications require switch fuses that can
withstand extreme conditions. High voltages and high
short circuit currents create a demand for superior
performance without neglecting safety.
Superior performance
- High U
i ratings
- High CTI in supporting parts
- The contact constructions are optimal, regardless of fuse
type, DIN, BS, NFC or UL-type
- Meets the requirements for installation close to the main
transformer up to 100 kA in heavy industry and in ships
High performance level and smart design makes OS
Gamma switch fuses suitable for all applications in low
voltage networks.


Similar Part No. - OS32GB03P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
OS30 MICROCHIP-OS30 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
List of Unclassifed Man...
OS30FACC12 ETC2-OS30FACC12 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
OS30FAJ12 ETC2-OS30FAJ12 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
logo
Microchip Technology
OS31 MICROCHIP-OS31 Datasheet
3Mb / 416P
   16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
OptoSupply Internationa...
OS341712GD-B5SAS1C1A OPTOSUPPLY-OS341712GD-B5SAS1C1A Datasheet
44Kb / 3P
   PRODUCT SPECIFICATION FOR LED Light Module
More results

Similar Description - OS32GB03P

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-008-4650 HARTING-09-12-008-4650 Datasheet
548Kb / 2P
   Han-Power S metal w. switch/fuses/LEDs
2021-11-20
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
   FUSES
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
   FUSES
2019
logo
Littelfuse
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
   FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
   FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com