Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD67173NUX Datasheet(PDF) 7 Page - Rohm

Part # BD67173NUX
Description  Three-Phase Full-Wave Fan Motor Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD67173NUX Datasheet(HTML) 7 Page - Rohm

Back Button BD67173NUX Datasheet HTML 3Page - Rohm BD67173NUX Datasheet HTML 4Page - Rohm BD67173NUX Datasheet HTML 5Page - Rohm BD67173NUX Datasheet HTML 6Page - Rohm BD67173NUX Datasheet HTML 7Page - Rohm BD67173NUX Datasheet HTML 8Page - Rohm BD67173NUX Datasheet HTML 9Page - Rohm BD67173NUX Datasheet HTML 10Page - Rohm BD67173NUX Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/27
TSZ02201-0H1H0B101160-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
08.Sep.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD67173NUX
Typical Performance Curves2
Figure 7 FR input Current H
Figure 8 FR input Current L
Figure 9 TOSC charge current
Figure 10 TOSC discharge current
-120.0
-110.0
-100.0
-90.0
-80.0
0
1
2
3
4
5
6
7
Supply voltage: [V]
25°C
–25°C
80
90
100
110
120
0
1
2
3
4
5
6
7
Supply voltage: [V]
95°C
25°C
–25°C
Operating range
Operating range
95°C
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0
1
2
3
4
5
6
7
Supply voltage: Vcc[V]
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
7
Supply voltage: Vcc[V]
95°C
25°C
–25°C
95°C
25°C
–25°C


Similar Part No. - BD67173NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
   2-Phase Half-Wave Pre Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
More results

Similar Description - BD67173NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BH67172NUX ROHM-BH67172NUX Datasheet
673Kb / 20P
   Three-Phase Full-Wave Fan Motor Driver
BD63242EFV ROHM-BD63242EFV Datasheet
1Mb / 33P
   Three-phase Full-wave Fan Motor Driver
BD6346FV ROHM-BD6346FV Datasheet
1Mb / 25P
   Three-phase Full-wave Fan Motor Driver
BD63282EFV ROHM-BD63282EFV Datasheet
2Mb / 31P
   Three-phase Full-wave Fan Motor Driver
BD6326ANUX ROHM-BD6326ANUX Datasheet
1Mb / 26P
   Three-Phase Full-Wave Fan Motor Driver
BD63441AFU ROHM-BD63441AFU Datasheet
1Mb / 23P
   Multifunction Three-phase Full-wave Fan Motor Driver
BD63241FV ROHM-BD63241FV Datasheet
1Mb / 25P
   Three-phase Full-Wave 1Hall Fan Motor Driver
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
   Three-phase Full-wave DC Brushless Fan Motor Driver
BH6717NUV-E2 ROHM-BH6717NUV-E2 Datasheet
402Kb / 11P
   Three-Phase Full-Wave Fan Motor Driver for Note PC
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com