Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCF016GWZ-3 Datasheet(PDF) 3 Page - Rohm

Part # BRCF016GWZ-3
Description  Serial EEPROM Series Standard EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BRCF016GWZ-3 Datasheet(HTML) 3 Page - Rohm

  BRCF016GWZ-3 Datasheet HTML 1Page - Rohm BRCF016GWZ-3 Datasheet HTML 2Page - Rohm BRCF016GWZ-3 Datasheet HTML 3Page - Rohm BRCF016GWZ-3 Datasheet HTML 4Page - Rohm BRCF016GWZ-3 Datasheet HTML 5Page - Rohm BRCF016GWZ-3 Datasheet HTML 6Page - Rohm BRCF016GWZ-3 Datasheet HTML 7Page - Rohm BRCF016GWZ-3 Datasheet HTML 8Page - Rohm BRCF016GWZ-3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Datasheet
3/25
BRCF016GWZ-3
©2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
23.Sep.2015 Rev.001
TSZ02201-0929AG100010-1-2
AC Characteristics
(Unless otherwise specified, Ta=-40℃ to +85℃, Vcc=1.7V to 5.5V)
Parameter
Symbol
Limits
1.7V≦Vcc≦5.5V
Unit
Min
Typ
Max
Clock Frequency
fSCL
-
-
1000
kHz
Data Clock High Period
tHIGH
0.3
-
-
µs
Data Clock Low Period
tLOW
0.5
-
-
µs
SDA and SCL Rise Time
(1)
tR
-
-
0.12
µs
SDA and SCL (INPUT)Fall Time
(1)
tF1
-
-
0.12
µs
SDA(OUTPUT) Fall Time
(1)
tF2
-
-
0.12
µs
Start Condition Hold Time
tHD:STA
0.25
-
-
µs
Start Condition Setup Time
tSU:STA
0.20
-
-
µs
Input Data Hold Time
tHD:DAT
0
-
-
ns
Input Data Setup Time
tSU:DAT
50
-
-
ns
Output Data Delay Time
tPD
0.05
-
0.45
µs
Output Data Hold Time
tDH
0.05
-
-
µs
Stop Condition Setup Time
tSU:STO
0.25
-
-
µs
Bus Free Time
tBUF
0.5
-
-
µs
Write Cycle Time
tWR
-
-
5
ms
Noise Spike Width (SDA and SCL)
tI
-
-
0.05
µs
(1) Not 100% TESTED.
Condition Input Data Level: VIL=0.2×Vcc VIH=0.8×Vcc
Input Data Timing Reference Level: 0.3×Vcc/0.7×Vcc
Output Data Timing Reference Level: 0.3×Vcc/0.7×Vcc
Rise/Fall Time: ≦20ns
Serial Input / Output Timing
Input Read at the rise edge of SCL
Data Output in sync with the fall of SCL
Figure 1-(a). Serial Input / Output Timing
Figure 1-(b). Start-Stop Bit Timing
Figure 1-(c). Write Cycle Timing
SCL
SDA
(input)
SDA
(output)
tR
tF
tHIGH
tSU:DAT
tLOW
tHD:DAT
tDH
tPD
tBUF
70%
70%
30%
70% 70%
30%
30%
70%
70%
30%
70%
70%
70%
70%
30%
30%
30%
70%
70%
tSU:STA
tHD:STA
START CONDITION
tSU:STO
STOP CONDITION
30%
30%
70%
70%
SDA
(input)
SCL
D0
ACK
tWR
write data
(n-th address)
START CONDITION
STOP CONDITION
70%
70%
SCL
SDA
(input)


Similar Part No. - BRCF016GWZ-3

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BRC114ECM HITACHI-BRC114ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC123ECM HITACHI-BRC123ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC124ECM HITACHI-BRC124ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC143ECM HITACHI-BRC143ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
BRC144ECM HITACHI-BRC144ECM Datasheet
118Kb / 12P
   NPN Built-in Resistor Transistor CMPAK Series Inverter, Driver, Switching
More results

Similar Description - BRCF016GWZ-3

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR93G46-3B ROHM-BR93G46-3B Datasheet
941Kb / 39P
   Serial EEPROM series Standard EEPROM
BRCA016GWZ-W ROHM-BRCA016GWZ-W_13 Datasheet
757Kb / 25P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BU99901GUZ-W ROHM-BU99901GUZ-W_12 Datasheet
711Kb / 26P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCB008GWZ-3 ROHM-BRCB008GWZ-3 Datasheet
406Kb / 28P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCG064GWZ-3 ROHM-BRCG064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
BRCE064GWZ-3 ROHM-BRCE064GWZ-3 Datasheet
614Kb / 29P
   Serial EEPROM Series Standard EEPROM WLCSP EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com