Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFD2-STC4-1.2O Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KFD2-STC4-1.2O
Description  SMART Transmitter Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KFD2-STC4-1.2O Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KFD2-STC4-1.2O Datasheet HTML 1Page - List of Unclassifed Manufacturers KFD2-STC4-1.2O Datasheet HTML 2Page - List of Unclassifed Manufacturers KFD2-STC4-1.2O Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KFD2-STC4-1.2O
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group • Tel.: Germany +49-621-776-0 • USA +1-330-4253555 • Singapore +65-67-799091 • Internet www.pepperl-fuchs.com
1
SMART Transmitter Power Supply
KFD2-STC4-1.2O
3
5-
6+
1+
2-
7-
8+
9
250 Ω
mA
mA
10-
11+
12
250 Ω
24 V DC
14+
15-
Power Rail
24V DC
I
II
Connection
Assembly
• 1-channel signal conditioner
• 24 V DC supply (Power Rail)
• Input 2-wire and 3-wire SMART transmitters and 2-wire
SMART current sources
• Dual output 0/4 mA ... 20 mA
• Terminal blocks with test points
• Up to SIL3 acc. to IEC 61508
Function
This signal conditioner provides the isolation for non-
intrinsically safe applications.
The device supplies 2-wire and 3-wire SMART transmitters,
and can also be used with 2-wire SMART current sources.
It transfers the analog input signal to the safe area as two
isolated current values.
Digital signals may be superimposed on the input signal and
are transferred bi-directionally.
If the HART communication resistance in the loop is too low,
the internal resistance of 250 Ω between terminals 8, 9
and 11, 12 can be used.
Test sockets for the connection of HART communicators are
integrated into the terminals of the device.
Application
The device supports the following SMART protocols:
•HART
•BRAIN
•Foxboro
Features
1
3
4
6
2
5
13
15
12
9
10
7
14
11
8
KFD2-STC4-1.2O
PWR
Front view
LED green:
Power supply
Removable terminals
green
Removable terminals
green
3


Similar Part No. - KFD2-STC4-1.2O

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KFD2-STC4-EX1 PF-KFD2-STC4-EX1 Datasheet
1Mb / 6P
   SMART Transmitter Power Supply
2021-12-20
KFD2-STC4-EX1-Y1 PF-KFD2-STC4-EX1-Y1 Datasheet
1,020Kb / 5P
   SMART Transmitter Power Supply, Output Current Sink
2021-12-20
KFD2-STC4-EX1.2O PF-KFD2-STC4-EX1.2O Datasheet
1Mb / 5P
   SMART Transmitter Power Supply
KFD2-STC4-EX1.2O-Y1 PF-KFD2-STC4-EX1.2O-Y1 Datasheet
1Mb / 5P
   SMART Transmitter Power Supply, Output Current Sink
2021-12-20
KFD2-STC4-EX1.2O.H PF-KFD2-STC4-EX1.2O.H Datasheet
1Mb / 5P
   SMART Transmitter Power Supply
2021-12-20
More results

Similar Description - KFD2-STC4-1.2O

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD2-STC-EX1.ES PF-KCD2-STC-EX1.ES Datasheet
924Kb / 6P
   SMART Transmitter Power Supply
KCD2-STC-1 PF-KCD2-STC-1 Datasheet
1Mb / 4P
   SMART Transmitter Power Supply
KFD2-STC5-1 PF-KFD2-STC5-1 Datasheet
942Kb / 5P
   SMART Transmitter Power Supply
2021-11-29
KFD2-STC4-EX2 PF-KFD2-STC4-EX2 Datasheet
316Kb / 3P
   SMART Transmitter Power Supply
HIC2027 PF-HIC2027 Datasheet
880Kb / 6P
   SMART Transmitter Power Supply
HID2022SK PF-HID2022SK Datasheet
751Kb / 4P
   SMART Transmitter Power Supply
KCD2-STC-EX1.SP PF-KCD2-STC-EX1.SP Datasheet
926Kb / 5P
   SMART Transmitter Power Supply
KFD2-STV4-EX1-1 PF-KFD2-STV4-EX1-1 Datasheet
1Mb / 5P
   SMART Transmitter Power Supply
2021-12-20
KFD2-STV4-EX2-1 PF-KFD2-STV4-EX2-1 Datasheet
1Mb / 5P
   SMART Transmitter Power Supply
2021-12-20
KCD2-STC-1.2O PF-KCD2-STC-1.2O Datasheet
996Kb / 5P
   SMART Transmitter Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com