Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1D32P7 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LC1D32P7
Description  32 A - 230 V AC coil
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D32P7 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LC1D32P7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D32P7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D32P7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1D32P7 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1D32P7 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
[Ui] rated insulation
voltage
600 V for signalling circuit certifications UL
600 V for signalling circuit certifications CSA
690 V for signalling circuit conforming to IEC 60947-1
600 V for power circuit certifications UL
600 V for power circuit certifications CSA
690 V for power circuit conforming to IEC 60947-4-1
Electrical durability
1.4 Mcycles 50 A AC-1 at Ue <= 440 V
1.65 Mcycles 32 A AC-3 at Ue <= 440 V
Power dissipation per
pole
5 W AC-1
AC-3
Protective cover
With
Mounting support
Plate
Rail
Standards
EN 60947-4-1
EN 60947-5-1
IEC 60947-4-1
IEC 60947-5-1
UL 508
CSA C22.2 No 14
Product certifications
BV
CCC
CSA
DNV
GL
GOST
RINA
UL
LROS
Connections - terminals
Power circuit: screw clamp terminals 2 cable(s) 0...0.02
in² (2.5...10 mm²) - cable stiffness: solid - without cable
end
Power circuit: screw clamp terminals 1 cable(s) 0...0.02
in² (1.5...10 mm²) - cable stiffness: solid - without cable
end
Power circuit: screw clamp terminals 2 cable(s) 0...0.01
in² (1.5...6 mm²) - cable stiffness: flexible - with cable end
Power circuit: screw clamp terminals 1 cable(s) 0...0.02
in² (1...10 mm²) - cable stiffness: flexible - with cable end
Power circuit: screw clamp terminals 2 cable(s) 0...0.02
in² (2.5...10 mm²) - cable stiffness: flexible - without cable
end
Power circuit: screw clamp terminals 1 cable(s) 0...0.02
in² (2.5...10 mm²) - cable stiffness: flexible - without cable
end
Control circuit: screw clamp terminals 2 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: solid - without cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: solid - without cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0 in²
(1...2.5 mm²) - cable stiffness: flexible - with cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: flexible - with cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: flexible - without cable
end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: flexible - without cable
end
Tightening torque
Power circuit: 22.12 lbf.in (2.5 N.m) - on screw clamp
terminals - with screwdriver Philips No 2
Power circuit: 22.12 lbf.in (2.5 N.m) - on screw clamp
terminals - with screwdriver flat Ø 6 mm
Control circuit: 15.04 lbf.in (1.7 N.m) - on screw clamp
terminals - with screwdriver Philips No 2
Control circuit: 15.04 lbf.in (1.7 N.m) - on screw clamp
terminals - with screwdriver flat Ø 6 mm
Operating time
12...22 ms closing
4...19 ms opening


Similar Part No. - LC1D32P7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D32 SCHNEIDER-LC1D32 Datasheet
971Kb / 2P
   AC/DC
LC1D32 SCHNEIDER-LC1D32 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
LC1D323B7 SCHNEIDER-LC1D323B7 Datasheet
136Kb / 5P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V AC coil
LC1D323BD SCHNEIDER-LC1D323BD Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V DC coil
LC1D323BL SCHNEIDER-LC1D323BL Datasheet
157Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 24 V DC coil
More results

Similar Description - LC1D32P7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D326P7 SCHNEIDER-LC1D326P7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 230 V AC coil
LC1D323P7 SCHNEIDER-LC1D323P7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 230 V AC coil
LC1D188P7 SCHNEIDER-LC1D188P7 Datasheet
138Kb / 4P
   TeSys D contactor - 4P(2 NO 2 NC) - AC-1 - <= 440 V 32 A - 230 V AC coil
LE1D09P7 SCHNEIDER-LE1D09P7 Datasheet
92Kb / 2P
   TeSys LE - enclosed DOL starter - 9 A - 230 V AC coil
Sep 20, 2021
LC1D123P7 SCHNEIDER-LC1D123P7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 230 V AC coil
LC1D126P7 SCHNEIDER-LC1D126P7 Datasheet
141Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 230 V AC coil
LC1D183P7 SCHNEIDER-LC1D183P7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 230 V AC coil
LC1D25P7 SCHNEIDER-LC1D25P7 Datasheet
146Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 230 V AC coil
LC1D093P7 SCHNEIDER-LC1D093P7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 230 V AC coil
LC1K09004P7 SCHNEIDER-LC1K09004P7 Datasheet
135Kb / 3P
   TeSys K contactor - 4P (4 NO) - AC-1 <= 440 V 20 A - 230 V AC coil
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com