Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1D150F7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LC1D150F7
Description  150 A - 110 V AC coil
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D150F7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LC1D150F7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D150F7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D150F7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1D150F7 Datasheet HTML 4Page - List of Unclassifed Manufacturers LC1D150F7 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Price*: 696.00 USD
Main
Commercial Status
Commercialised
Range of product
TeSys D
Product or component
type
Contactor
Device short name
LC1D
Contactor application
Motor control
Resistive load
Utilisation category
AC-1
AC-3
Poles description
3P
Pole contact
composition
3 NO
[Ue] rated operational
voltage
<= 300 V DC for power circuit
<= 1000 V AC 25...400 Hz for power circuit
[Ie] rated operational
current
150 A (<= 140 °F (60 °C)) at <= 440 V AC AC-3 for
power circuit
200 A (<= 140 °F (60 °C)) at <= 440 V AC AC-1 for
power circuit
Motor power kW
75 kW at 1000 V AC 50/60 Hz
100 kW at 660...690 V AC 50/60 Hz
90 kW at 500 V AC 50/60 Hz
80 kW at 415...440 V AC 50/60 Hz
75 kW at 380...400 V AC 50/60 Hz
40 kW at 220...230 V AC 50/60 Hz
Motor power hp
125 hp at 575/600 V AC 50/60 Hz for 3 phases motors
100 hp at 460/480 V AC 50/60 Hz for 3 phases motors
50 hp at 230/240 V AC 50/60 Hz for 3 phases motors
40 hp at 200/208 V AC 50/60 Hz for 3 phases motors
Control circuit type
AC 50/60 Hz
Control circuit voltage
110 V AC 50/60 Hz
Auxiliary contact
composition
1 NO + 1 NC
[Uimp] rated impulse
withstand voltage
8 kV conforming to IEC 60947
Overvoltage category
III
[Ith] conventional free
air thermal current
200 A at <= 140 °F (60 °C) for power circuit
Irms rated making
capacity
1660 A at 440 V for power circuit conforming to IEC
60947
250 A DC for signalling circuit conforming to IEC
60947-5-1
140 A AC for signalling circuit conforming to IEC
60947-5-1
Rated breaking
capacity
1400 A at 440 V for power circuit conforming to IEC
60947
[Icw] rated short-time
withstand current
1400 A <= 104 °F (40 °C) 1 s power circuit
1200 A <= 104 °F (40 °C) 10 s power circuit
580 A <= 104 °F (40 °C) 1 min power circuit
140 A 100 ms signalling circuit
120 A 500 ms signalling circuit
100 A 1 s signalling circuit
250 A <= 104 °F (40 °C) 10 min power circuit
Associated fuse rating
250 A gG at <= 690 V coordination type 2 for power
circuit
315 A gG at <= 690 V coordination type 1 for power
circuit
10 A gG for signalling circuit conforming to IEC
60947-5-1
Average impedance
0.6 mOhm at 50 Hz - Ith 200 A for power circuit


Similar Part No. - LC1D150F7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D150FD SCHNEIDER-LC1D150FD Datasheet
123Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 110 V DC standard coil
LC1D150FE7 SCHNEIDER-LC1D150FE7 Datasheet
123Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 115 V AC 50/60 Hz coil
More results

Similar Description - LC1D150F7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D1506F7 SCHNEIDER-LC1D1506F7 Datasheet
150Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 110 V AC 50/60 Hz coil
LC1D150FD SCHNEIDER-LC1D150FD Datasheet
123Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 110 V DC standard coil
LC1F5004F7 SCHNEIDER-LC1F5004F7 Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 700 A - coil 110 V AC
LC1D096F7 SCHNEIDER-LC1D096F7 Datasheet
141Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 110 V AC coil
LC1F185F7 SCHNEIDER-LC1F185F7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 185 A - coil 110 V AC
LC1F500F7 SCHNEIDER-LC1F500F7 Datasheet
151Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 500 A - coil 110 V AC
LC1F630G7 SCHNEIDER-LC1F630G7 Datasheet
89Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 630 A - coil 110 V AC
LC1D093F7 SCHNEIDER-LC1D093F7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 110 V AC coil
LC1D123F7 SCHNEIDER-LC1D123F7 Datasheet
119Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 110 V AC coil
LC1D326F7 SCHNEIDER-LC1D326F7 Datasheet
145Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 110 V AC coil
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com