Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1F265G7 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LC1F265G7
Description  265 A - coil 120 V AC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F265G7 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LC1F265G7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1F265G7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1F265G7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1F265G7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Ordering and shipping details
Category
22336 - CTR,F-LINE,AC,OPEN,NONREV
Discount Schedule
I12
GTIN
00785901079811
Nbr. of units in pkg.
1
Package weight(Lbs)
17.43
Product availability
Stock - Normally stocked in distribution facility
Returnability
Y
Country of origin
CZ
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS
Compliant - since 0843 -
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Download Product Environmental
Product end of life instructions
Available
Download End Of Life Manual
Contractual warranty
Period
18 months


Similar Part No. - LC1F265G7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1F265G7 SCHNEIDER-LC1F265G7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 120 V AC
More results

Similar Description - LC1F265G7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1F265G7 SCHNEIDER-LC1F265G7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 120 V AC
logo
List of Unclassifed Man...
LC1F330G7 ETC2-LC1F330G7 Datasheet
75Kb / 4P
   330 A - coil 120 V AC
LC1D806G7 ETC2-LC1D806G7 Datasheet
79Kb / 4P
   80 A - 120 V AC coil
logo
Schneider Electric
LC1F265M7 SCHNEIDER-LC1F265M7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 220 V AC
LC1F265B7 SCHNEIDER-LC1F265B7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 24 V AC
LC1F265S7 SCHNEIDER-LC1F265S7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 500 V AC
LC1F265P7 SCHNEIDER-LC1F265P7 Datasheet
155Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 230 V AC
LC1F265R7 SCHNEIDER-LC1F265R7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 440 V AC
LC1F265N7 SCHNEIDER-LC1F265N7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 415 V AC
LC1F265Q7 SCHNEIDER-LC1F265Q7 Datasheet
88Kb / 3P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 265 A - coil 380 V AC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com