Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB078BM30SFH Datasheet(PDF) 2 Page - Rohm

Part # RB078BM30SFH
Description  Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB078BM30SFH Datasheet(HTML) 2 Page - Rohm

  RB078BM30SFH Datasheet HTML 1Page - Rohm RB078BM30SFH Datasheet HTML 2Page - Rohm RB078BM30SFH Datasheet HTML 3Page - Rohm RB078BM30SFH Datasheet HTML 4Page - Rohm RB078BM30SFH Datasheet HTML 5Page - Rohm RB078BM30SFH Datasheet HTML 6Page - Rohm RB078BM30SFH Datasheet HTML 7Page - Rohm RB078BM30SFH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB078BM30SFH
Electrical characteristic curves
580
590
600
610
620
630
640
650
660
670
680
AVE : 613.7mV
Tj=25
°C
IF=5A
n=30pcs
10
100
1000
0
102030
f = 1MHz
0.1
1
10
100
1000
10000
100000
1000000
010
20
30
Tj = 25
°C
Tj =
25
°C
Tj = 150
°C
Tj = 75
°C
Tj = 125
°C
0.01
0.1
1
10
0
100 200 300 400 500 600 700 800
Tj = 75
°C
Tj = 25
°C
Tj = 125
°C
Tj =
25
°C
Tj = 150
°C
FORWARD VOLTAGE : VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
2/5
2015.08 - Rev.A


Similar Part No. - RB078BM30SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB078BM30SFHH ROHM-RB078BM30SFHH Datasheet
1Mb / 9P
   Schottky Barrier Diode
2022/08/01_Rev.001
More results

Similar Description - RB078BM30SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com