Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1F500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LC1F500
Description  500 A - without coil
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1F500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LC1F500 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1F500 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1F500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Connections - terminals
Power circuit: bar 2 x ( 40 x 5 mm)
Power circuit: lugs-ring terminals 2 cable(s) 0.37 in² (240
mm²)
Control circuit: screw clamp terminals 2 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: solid - without cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: solid - without cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0 in²
(1...2.5 mm²) - cable stiffness: flexible - with cable end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: flexible - with cable end
Control circuit: screw clamp terminals 2 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: flexible - without cable
end
Control circuit: screw clamp terminals 1 cable(s) 0...0.01
in² (1...4 mm²) - cable stiffness: flexible - without cable
end
Tightening torque
Power circuit: 309.73 lbf.in (35 N.m)
Control circuit: 10.62 lbf.in (1.2 N.m)
Environment
IP degree of protection
IP20 front face with shrouds (ordered separately) conforming to VDE 0106
IP20 front face with shrouds (ordered separately) conforming to IEC 60529
Protective treatment
TH
Ambient air temperature for operation
23...131 °F (-5...55 °C)
Ambient air temperature for storage
-76...176 °F (-60...80 °C)
Permissible ambient air temperature around the
device
-40...158 °F (-40...70 °C)
Operating altitude
9842.52 ft (3000 m) without derating in temperature
Mechanical robustness
Vibrations contactor closed 4 Gn, 5...300 Hz
Shocks contactor closed 15 Gn for 11 ms
Shocks contactor open 9 Gn for 11 ms
Vibrations contactor open 2 Gn, 5...300 Hz
Height
9.37 in (238 mm)
Width
9.17 in (233 mm)
Depth
9.13 in (232 mm)
Product weight
21.5 lb(US) (9.75 kg)
Ordering and shipping details
Category
22336 - CTR,F-LINE,AC,OPEN,NONREV
Discount Schedule
I12
GTIN
00785901098140
Nbr. of units in pkg.
1
Package weight(Lbs)
23.72
Product availability
Stock - Normally stocked in distribution facility
Returnability
Y
Country of origin
CZ
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS
Compliant - since 0852 -
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Product environmental profile
Available
Download Product Environmental
Product end of life instructions
Available
Contractual warranty
Period
18 months


Similar Part No. - LC1F500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1F5004 ETC2-LC1F5004 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
logo
Schneider Electric
LC1F5004F7 SCHNEIDER-LC1F5004F7 Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 700 A - coil 110 V AC
LC1F5004FD SCHNEIDER-LC1F5004FD Datasheet
149Kb / 3P
   TeSys F contactor - 4P (4 NO) - AC-1 - <= 440 V 700 A - coil 110 V DC
LC1F5007M7 SCHNEIDER-LC1F5007M7 Datasheet
147Kb / 2P
   contactor TeSys LC1-F - 3 poles - 500 A - AC-3 - 440V - coil 220 V AC
LC1F500ED SCHNEIDER-LC1F500ED Datasheet
151Kb / 8P
   TeSys F contactor - 3P (3 NO) - AC-3 - <= 440 V 500 A - coil 48 V DC
More results

Similar Description - LC1F500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1F330 ETC2-LC1F330 Datasheet
72Kb / 3P
   330 A - without coil
logo
Schneider Electric
LC1F4002 SCHNEIDER-LC1F4002 Datasheet
121Kb / 2P
   TeSys F contactor - 2P(2 NO) - AC-1 - <= 440 V 500 A - without coil
Aug 15, 2019
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4644-X056 VACUUMSCHMELZE-T60404-N4644-X056 Datasheet
112Kb / 7P
   500 A - Stromsensor Modul
logo
Nell Semiconductor Co.,...
NKD500 NELLSEMI-NKD500 Datasheet
260Kb / 4P
   Standard Diodes, 500 A
logo
Schneider Electric
LC1F630 SCHNEIDER-LC1F630 Datasheet
122Kb / 2P
   TeSys F contactor - 3P(3 NO) - AC-3 - <= 440V 630 A - without coil
Aug 17, 2019
LC1F265 SCHNEIDER-LC1F265 Datasheet
124Kb / 2P
   TeSys F contactor - 3P(3 NO) - AC-3 - <= 440V 265 A - without coil
Aug 15, 2019
LC1F115 SCHNEIDER-LC1F115 Datasheet
124Kb / 2P
   TeSys F contactor - 3P(3 NO) - AC-3 - <= 440V 115 A - without coil
Aug 11, 2019
LC1F400 SCHNEIDER-LC1F400 Datasheet
120Kb / 2P
   TeSys F contactor - 3P(3 NO) - AC-3 - <= 440V 400 A - without coil
Aug 17, 2019
LC1F5007M7 SCHNEIDER-LC1F5007M7 Datasheet
147Kb / 2P
   contactor TeSys LC1-F - 3 poles - 500 A - AC-3 - 440V - coil 220 V AC
logo
List of Unclassifed Man...
LC1F185 ETC2-LC1F185 Datasheet
71Kb / 3P
   TeSys F contactor - 3P(3 NO) - AC-3 - 440 V 185 A - without coil
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com