Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH8J31 Datasheet(PDF) 6 Page - Rohm

Part # SH8J31
Description  -60V Pch Pch Middle Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SH8J31 Datasheet(HTML) 6 Page - Rohm

Back Button SH8J31 Datasheet HTML 2Page - Rohm SH8J31 Datasheet HTML 3Page - Rohm SH8J31 Datasheet HTML 4Page - Rohm SH8J31 Datasheet HTML 5Page - Rohm SH8J31 Datasheet HTML 6Page - Rohm SH8J31 Datasheet HTML 7Page - Rohm SH8J31 Datasheet HTML 8Page - Rohm SH8J31 Datasheet HTML 9Page - Rohm SH8J31 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SH8J31
           
               
Datasheet
l
lElectrical characteristic curves
Fig.8 Typical Transfer Characteristics
Fig.9 Gate Threshold Voltage vs.
     Junction Temperature
Fig.10 Forward Transfer Admittance vs.
     Drain Current
                                                                                           
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
6/11
20151204 - Rev.002


Similar Part No. - SH8J31

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SH8J62 DOINGTER-SH8J62 Datasheet
1Mb / 5P
   Dual P-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SH8J62TB VBSEMI-SH8J62TB Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Rohm
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
More results

Similar Description - SH8J31

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
QH8JA1 ROHM-QH8JA1 Datasheet
2Mb / 14P
   -20V Pch Pch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JC5 ROHM-UT6JC5 Datasheet
2Mb / 14P
   -60V PchPch Power MOSFET
SH8JC5 ROHM-SH8JC5 Datasheet
2Mb / 14P
   -60V PchPch Power MOSFET
QH8JC5 ROHM-QH8JC5 Datasheet
2Mb / 14P
   -60V PchPch Small Signal MOSFET
RQ6E060AT ROHM-RQ6E060AT Datasheet
2Mb / 14P
   Pch -30V -6A Middle Power MOSFET
RQ6C065BC ROHM-RQ6C065BC Datasheet
2Mb / 15P
   Pch -20V -6.5A Middle Power MOSFET
RQ5E025AT ROHM-RQ5E025AT Datasheet
2Mb / 13P
   Pch -30V -2.5A Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com