Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS3121 Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS3121
Description  2A Fast Transient Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS3121 Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS3121 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS3121 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AMS3121
2A Fast Transient Linear Regulator
02/11/2010
www.advanced-monolithic.com
Phone (925) 443-0722
1
Fax (925) 443-0723
General Description
The AMS3121 is a high performance linear regulator
with very low dropout voltage and excellent transient
response. It is designed to operate with wide input
voltage range of 1.5 – 7Volts making it ideal for two
step conversion while maintaining high efficiency for
many power sensitive applications. The device is
capable of supplying 2A of output current with a
typical dropout voltage of 550mV at 2A. The product
is only available in a fixed output voltage option.
The product includes complete short-circuit and
thermal protection. The combination of these two
internal protection circuits gives the device a
comprehensive safety system to safe guard against
extreme adverse operating conditions.
The AMS3121 is available in both 3-pin TO-220 and
TO-263 packages, and it is rated for -40°C to
+125°C temperature range.
Features
VIN range: 1.5 – 7V
Fixed output voltage as low as 0.6V
2A maximum output current
550mV typical dropout voltage at 2A
Low self noise
125µA typical supply current
PSRR >40dB at 10KHz
Stable with Electrolytic, Tantalum or
Ceramic capacitors
Current Limit protection
Over-Temperature Shutdown
-40 to +125°C temperature range
Available in 3-pin TO-220 and TO-263
surface mount packages
RoHS & WEEE compliant
Applications
Set-top Box
DVD, Blue-ray DVD writers
LCD TVs and LCD monitors
Battery Powered Equipment
Infotainment
Wireless & RF: applications
High Efficiency “Green” Laptops & notebook
Typical Application


Similar Part No. - AMS3121

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3121 ADMOS-AMS3121 Datasheet
327Kb / 9P
   Current Limit protection
AMS3121M-XX ADMOS-AMS3121M-XX Datasheet
327Kb / 9P
   Current Limit protection
AMS3121T-XX ADMOS-AMS3121T-XX Datasheet
327Kb / 9P
   Current Limit protection
More results

Similar Description - AMS3121

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3120 AMS-AMS3120 Datasheet
409Kb / 9P
   2A Fast Transient Linear Regulator
logo
Monolithic Power System...
EV20046DN-00A MPS-EV20046DN-00A Datasheet
114Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
EV20046DQ-00A MPS-EV20046DQ-00A Datasheet
194Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
logo
Anpec Electronics Corop...
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
   Source and Sink, 2A, Fast Transient Response Linear Regulator
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
Advanced Monolithic Sys...
AMS3132 AMS-AMS3132 Datasheet
439Kb / 10P
   3A Fast Transient Linear Regulator
AMS3131 AMS-AMS3131 Datasheet
319Kb / 9P
   3A Fast Transient Linear Regulator
logo
List of Unclassifed Man...
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
BL8559 BELLING-BL8559 Datasheet
182Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com