Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WTB2S-2P1330 Datasheet(PDF) 3 Page - SICK AG

Part # WTB2S-2P1330
Description  Photoelectric sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WTB2S-2P1330 Datasheet(HTML) 3 Page - SICK AG

  WTB2S-2P1330 Datasheet HTML 1Page - SICK AG WTB2S-2P1330 Datasheet HTML 2Page - SICK AG WTB2S-2P1330 Datasheet HTML 3Page - SICK AG WTB2S-2P1330 Datasheet HTML 4Page - SICK AG WTB2S-2P1330 Datasheet HTML 5Page - SICK AG WTB2S-2P1330 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA1/29/2016 5:21:17 AM
1) Limit values 2) May not exceed or fall below Uv tolerances 3) Without load 4) Signal transit time with resistive load 5) With light/dark ratio 1:1 6) Do not bend below
0 °C 7) A = VS connections reverse-polarity protected 8) B = output reverse-polarity protected 9) D = outputs overcurrent and short-circuit protected
Output type:
PNP
Switching mode:
Light switching
Output current Imax.:
< 50 mA
Response time:
< 0.4 ms 4)
Switching frequency:
1,200 Hz 5)
Connection type:
Cable, 3-wire, 2 m 6)
Cable material:
PVC
Cable diameter:
Ø 3 mm
Circuit protection:::
A, B, D 7) 8) 9)
IO-Link:
-
Special device:
-
Optics material:
PMMA
Enclosure rating:
IP 67
Ambient operating temperature:
-25 °C ... +50 °C
Ambient storage temperature:
-40 °C ... +75 °C
UL File No.:
NRKH.E181493
Housing material:
ABS/PC, Plastic
Dimensional drawing


Similar Part No. - WTB2S-2P1330

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB2S-2P1330S01 SICK-WTB2S-2P1330S01 Datasheet
652Kb / 6P
   Photoelectric sensors
More results

Similar Description - WTB2S-2P1330

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com