Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1K0910M7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LC1K0910M7
Description  TeSys K contactor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LC1K0910M7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LC1K0910M7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1K0910M7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1K0910M7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LC1K0910M7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Price*: 75.00 USD
Main
Commercial Status
Commercialised
Range of product
TeSys K
Product or component
type
Contactor
Device short name
LC1K
Contactor application
Motor control
Resistive load
Utilisation category
AC-1
AC-3
AC-4
Poles description
3P
Pole contact
composition
3 NO
[Ue] rated operational
voltage
<= 690 V AC 50/60 Hz for signalling circuit
690 V AC 50/60 Hz for power circuit
[Ie] rated operational
current
9 A at <= 440 V AC AC-3 for power circuit
16 A (<= 158 °F (70 °C)) at 690 V AC AC-1 for power
circuit
20 A (<= 122 °F (50 °C)) at <= 440 V AC AC-1 for power
circuit
Motor power kW
4 kW at 660...690 V AC 50/60 Hz
4 kW at 500...600 V AC 50/60 Hz
4 kW at 480 V AC 50/60 Hz
4 kW at 440 V AC 50/60 Hz
4 kW at 380...415 V AC 50/60 Hz
2.2 kW at 220...230 V AC 50/60 Hz
Control circuit type
AC 50/60 Hz
Control circuit voltage
220...230 V AC 50/60 Hz
Auxiliary contact
composition
1 NO
[Uimp] rated impulse
withstand voltage
8 kV
Overvoltage category
III
[Ith] conventional free
air thermal current
10 A at <= 122 °F (50 °C) for signalling circuit
20 A at <= 122 °F (50 °C) for power circuit
Irms rated making
capacity
110 A AC for signalling circuit conforming to IEC 60947
110 A AC for power circuit conforming to IEC 60947
110 A AC for power circuit conforming to NF C 63-110
Rated breaking
capacity
70 A at 660...690 V conforming to IEC 60947
110 A at 380...400 V conforming to IEC 60947
110 A at 220...230 V conforming to IEC 60947
80 A at 500 V conforming to IEC 60947
110 A at 440 V conforming to IEC 60947
110 A at 415 V conforming to IEC 60947
[Icw] rated short-time
withstand current
20 A <= 122 °F (50 °C) >= 15 s power circuit
110 A 100 ms signalling circuit
90 A 500 ms signalling circuit
80 A 1 s signalling circuit
40 A <= 122 °F (50 °C) 3 min power circuit
45 A <= 122 °F (50 °C) 1 min power circuit
60 A <= 122 °F (50 °C) 30 s power circuit
80 A <= 122 °F (50 °C) 10 s power circuit
85 A <= 122 °F (50 °C) 5 s power circuit
90 A <= 122 °F (50 °C) 1 s power circuit
Associated fuse rating
10 A gG for signalling circuit conforming to VDE 0660
10 A gG for signalling circuit conforming to IEC 60947
25 A aM for power circuit
25 A gG at <= 440 V for power circuit
Average impedance
3 mOhm at 50 Hz - Ith 20 A for power circuit


Similar Part No. - LC1K0910M7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1K0910M7 SCHNEIDER-LC1K0910M7 Datasheet
148Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 220...230 V AC coil
LC1K0910M72 SCHNEIDER-LC1K0910M72 Datasheet
168Kb / 3P
   TeSys K contactor - 3P - AC-3 <= 440 V 9 A - 1 NO aux. - 220...230 V AC coil
More results

Similar Description - LC1K0910M7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1K1210B7 ETC2-LC1K1210B7 Datasheet
89Kb / 2P
   Item # LC1K1210B7, TeSys K Non-reversing Contactor
logo
Schneider Electric
LC1K0601U7 SCHNEIDER-LC1K0601U7 Datasheet
171Kb / 4P
   TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1 TeSys K contactor - 3P - AC-3 <= 440 V 6 A - 1
T02AN13BD SCHNEIDER-T02AN13BD Datasheet
139Kb / 2P
   Contactor TeSys NEMA Sz00 3P 24VDC
T02BN13BD SCHNEIDER-T02BN13BD Datasheet
120Kb / 2P
   Contactor TeSys NEMA Sz0 3P 24VDC
T02FN13S7 SCHNEIDER-T02FN13S7 Datasheet
139Kb / 2P
   Contactor TeSys NEMA Sz4 3P 480VAC
T02CN13U7 SCHNEIDER-T02CN13U7 Datasheet
120Kb / 2P
   Contactor TeSys NEMA Sz1 3P 240VAC
T02DN13LE7 SCHNEIDER-T02DN13LE7 Datasheet
129Kb / 2P
   Contactor TeSys NEMA Sz2 3P 208VAC
T02JN13F7 SCHNEIDER-T02JN13F7 Datasheet
55Kb / 2P
   Contactor TeSys NEMA Sz7 3P 120VAC
T02CN13T7 SCHNEIDER-T02CN13T7 Datasheet
120Kb / 2P
   Contactor TeSys NEMA Sz1 3P 480VAC
T02DN13BD SCHNEIDER-T02DN13BD Datasheet
129Kb / 2P
   Contactor TeSys NEMA Sz2 3P 24VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com