Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU5281SG Datasheet(PDF) 10 Page - Rohm

Part # BU5281SG
Description  Low Input Offset Voltage Ground Sense CMOS Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU5281SG Datasheet(HTML) 10 Page - Rohm

Back Button BU5281SG Datasheet HTML 6Page - Rohm BU5281SG Datasheet HTML 7Page - Rohm BU5281SG Datasheet HTML 8Page - Rohm BU5281SG Datasheet HTML 9Page - Rohm BU5281SG Datasheet HTML 10Page - Rohm BU5281SG Datasheet HTML 11Page - Rohm BU5281SG Datasheet HTML 12Page - Rohm BU5281SG Datasheet HTML 13Page - Rohm BU5281SG Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200340-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
10/19
6.SEP.2013 Rev.001
TSZ22111・15・001
BU5281G
BU5281SG
Typical Performance Curves - continued
○BU5281G, BU5281SG
(*)The above characteristics are measurements of typical sample, they are not guaranteed.
BU5281G: -40°C to +85
°C BU5281SG: -40°C to +105°C
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
20
40
60
80
100
120
1
2
3
4
5
6
Supply Voltage [V]
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
0
30
60
90
120
150
-50
-25
0
25
50
75
100
125
Ambient Temperature [°C]
Figure 18.
Large Signal Voltage Gain vs Ambient Temperature
Figure 19.
Common Mode Rejection Ratio vs Supply Voltage
Figure 20.
Common Mode Rejection Ratio vs Ambient Temperature
Figure 21.
Power Supply Rejection Ratio vs Ambient Temperature
5.5V
1.8V
3.0V
-40
°C
25
°C
85
°C
105
°C
5.5V
1.8V
3.0V


Similar Part No. - BU5281SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU5281SG ROHM-BU5281SG Datasheet
605Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
BU5281SG ROHM-BU5281SG Datasheet
608Kb / 27P
   Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
BU5281SG ROHM-BU5281SG Datasheet
608Kb / 27P
   High Speed with Low Voltage CMOS Operational Amplifiers
More results

Similar Description - BU5281SG

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7441G ROHM-BU7441G Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7445HFV ROHM-BU7445HFV Datasheet
495Kb / 21P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G ROHM-BU7461G_10 Datasheet
759Kb / 37P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7461G-TR ROHM-BU7461G-TR Datasheet
3Mb / 44P
   Ground Sense Low Voltage Operation CMOS Operational Amplifiers
BU7485G-TR ROHM-BU7485G-TR Datasheet
891Kb / 43P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
BU7485G ROHM-BU7485G Datasheet
889Kb / 42P
   Ground Sense High Speed Low Voltage CMOS Operational Amplifiers
TLR341G ROHM-TLR341G Datasheet
433Kb / 21P
   Low Voltage Operation Ground sense Operational amplifiers
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
   Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com