Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG4N60SK3-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMG4N60SK3-13
Description  600V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG4N60SK3-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMG4N60SK3-13 Datasheet HTML 1Page - Diodes Incorporated DMG4N60SK3-13 Datasheet HTML 2Page - Diodes Incorporated DMG4N60SK3-13 Datasheet HTML 3Page - Diodes Incorporated DMG4N60SK3-13 Datasheet HTML 4Page - Diodes Incorporated DMG4N60SK3-13 Datasheet HTML 5Page - Diodes Incorporated DMG4N60SK3-13 Datasheet HTML 6Page - Diodes Incorporated DMG4N60SK3-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMG4N60SK3
Document number: DS37697 Rev. 2 - 2
6 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMG4N60SK3
Package Outline Dimensions (Cont.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
(2)
Package Type: TO252 (DPAK) (Type BR)
(3)
Package Type: TO252 (DPAK) (Type TH)
TO252 (DPAK)
(Type BR)
Dim
Min
Max
Typ
A
2.20
2.40
-
A1
0.00
0.10
-
b
0.50
0.70
-
b3
5.20
5.40
-
c
0.45
0.55
-
D
5.95
6.25
-
D1
5.10
5.50
-
E
6.45
6.70
-
E1
4.71
4.91
-
e
2.24
2.34
H
9.45
9.95
-
L
1.25
1.75
-
L3
0.95
1.25
-
L4
0.60
0.90
-
All Dimensions in mm
TO252 (DPAK)
(Type TH)
Dim
Min
Max
Typ
A
2.20
2.38
2.30
A1
0.00
0.10
-
A2
0.97
1.17
1.07
A4
0.10 REF
b
0.72
0.85
0.78
b3
5.23
5.45
5.33
c
0.47
0.58
0.53
D
6.00
6.20
6.10
D1
5.30 REF
e
2.286 BSC
E
6.50
6.70
6.60
E1
4.70
4.92
4.83
H
9.90
10.10 10.30
L
1.40
1.70
1.60
L2
0.51 BSC
L3
0.90
1.25
-
L4
0.60
1.00
0.80
L5
1.70
1.90
1.80
a
-
All Dimensions in mm
b3
E
L3
D
L4
b2(2x)
b(3x)
e
D1
E1
c
A
H
L
A1
c
A
7°± 2°
H
Seating Plane
A1
Gauge Plane
L
2.90REF
A2
A4
L5
7°± 2°
7°± 2°
b3
E
L3
D
L4
b(3x)
e
D1
E1
L2


Similar Part No. - DMG4N60SK3-13

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMG4N60SK3 ISC-DMG4N60SK3 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - DMG4N60SK3-13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP8N60 PANJIT-PJP8N60 Datasheet
181Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP7N60 PANJIT-PJP7N60 Datasheet
224Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJU1N60 PANJIT-PJU1N60 Datasheet
239Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJN1N60D PANJIT-PJN1N60D Datasheet
203Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP2N60 PANJIT-PJP2N60 Datasheet
212Kb / 6P
   600V N-Channel Enhancement Mode MOSFET
PJP4N60 PANJIT-PJP4N60 Datasheet
225Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
PJP5N60 PANJIT-PJP5N60 Datasheet
193Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN127KN3 CYSTEKEC-MTN127KN3 Datasheet
429Kb / 9P
   600V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com