Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SBH137001R1231 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 1SBH137001R1231
Description  Contactor Relays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SBH137001R1231 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 1SBH137001R1231 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SBH137001R1231 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SBH137001R1231 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SBH137001R1231 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1SBH137001R1231 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1SBH137001R1231 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1SBH137001R1231 Datasheet HTML 12Page - List of Unclassifed Manufacturers 1SBH137001R1231 Datasheet HTML 13Page - List of Unclassifed Manufacturers 1SBH137001R1231 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ABB | 9
Catalogue Page 1SBC 101 116 S0201
NF Contactor Relays
Main Accessories
Accessory fitting details for a NF contactor relay
Many configurations of accessories are possible depending on whether these are front-mounted or side-mounted.
Contactor relay
types
Main
poles
Front-mounted accessories
Side-mounted accessories
Auxiliary contact blocks
Auxiliary contact blocks
1-pole CA4
Left side
Right side
1-pole CC4
4-pole CA4
2-pole CAL4-11
Max. add-on N.C. auxiliary contacts: 3 N.C. max. on positions 1, 2, 3, 4 and 2 N.C. max. on positions 1 ±30°, 5
NF..
2 2 E
4 max.
or 1
+ 1
NF..
3 1 E
2 max.
+ 1
+ 1
Max. add-on N.C. auxiliary contacts: 4 N.C. max. on positions 1, 2, 3, 4 and 3 N.C. max. on positions 1 ±30°, 5
NF..
4 0 E
4 max.
or 1
+ 1
2 max.
+ 1
+ 1
NF..
4 4 E
NF..
5 3 E
NF..
6 2 E
1
NF..
7 1 E
NF..
8 0 E
Mounting positions
Pos. 5
Pos. 3
Pos. 2
Pos. 1
Pos. 1 ± 30°
+30°
-30°
Pos. 4
Contactor relays and main accessories (other accessories available)
NF contactor relay
4-pole CA4
1-pole CA4, CC4
2-pole CAL4-11


Similar Description - 1SBH137001R1231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com