Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SBH136001R2140 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 1SBH136001R2140
Description  Contactor Relays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SBH136001R2140 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 1SBH136001R2140 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SBH136001R2140 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SBH136001R2140 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SBH136001R2140 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SBH136001R2140 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SBH136001R2140 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1SBH136001R2140 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1SBH136001R2140 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1SBH136001R2140 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ABB | 7
General Technical Data
Contactor relay types
NF
Rated insulation voltage Ui
acc. to IEC 60947-5-1
690 V
acc. to UL / CSA
600 V
Rated impulse withstand voltage Uimp
6 kV
Electromagnetic compatibility
Devices complying with IEC 60947-1 / EN 60947-1 - Environment A
Ambient air temperature close to contactor
Operation in free air
-40 ... +70 °C
Storage
-60 ... +80 °C
Climatic withstand
Category B according to IEC 60947-1 Annex Q
Operating altitude
≤ 3000 m
Mechanical durability
Number of operating cycles
20 millions operating cycles
Max. switching frequency
7200 cycles/h
Shock withstand acc. IEC 60068-2-27 and EN 60068-2-27
Mounting position 1
B2
A
A
B1
C2
C1
Closed or open
position
Shock direction
1/2 sinusoidal shock for 11 ms: no change in contact position
A
30 g
B1
25 g Closed position / 5 g Open position
B2
15 g
C1
25 g
C2
25 g
Vibration withstand
5 ... 300 Hz
4 g Closed position / 2 g Open position
acc. to IEC 60068-2-6
Magnet System Characteristics
Contactor relay types
NF
Coil operating limits
AC supply at
θ ≤ 60°C 0.85 x Uc min ... 1.1 x Uc max
at
θ ≤ 70°C 0.85 x Uc min ... Uc max
acc. to IEC 60947-5-1
DC supply at
θ ≤ 60°C 0.85 x Uc min ... 1.1 x Uc max
at
θ ≤ 70°C (NF) 0.85 x Uc min ... Uc max - (NFZ) 0.85 x Uc min ... 1.1 x Uc max
AC control voltage Rated control circuit voltage Uc
24 ... 500 V AC
50/60 Hz
Coil consumption
Average pull-in value
(NF) 50 VA - (NFZ) 16 VA
Average holding value
(NF) 2.2 VA / 2 W - (NFZ) 1.7 VA / 1.5 W
DC control voltage Rated control circuit voltage Uc
12 ... 500 V DC
Coil consumption
Average pull-in value
(NF) 50 W - (NFZ) 12 ... 16 W
Average holding value
(NF) 2 W - (NFZ) 1.7 W
PLC-Output control
(NFZ) ≥ 500 mA 24 V DC
Drop-out voltage in % of Uc min.
≤ 60 % Uc min
Voltage sag immunity according to SEMI F47-0706
(NFZ) conditions of use on request
Dips withstand (level 0% according to IEC 61000-4-11)
(NFZ) 22 ms average for Uc = 24 ... 250 V 50/60Hz
-20 °C ≤
θ ≤ +60 °C
Operating time
between coil energization and:
N.O. contact closing
40 ... 95 ms
N.C. contact opening
38 ... 90 ms
between coil de-energization and:
N.O. contact opening
11 ... 95 ms
N.C. contact closing
13 ... 98 ms
Mounting Characteristics
Contactor relay types
NF
Mounting positions
Pos. 5
Pos. 3
Pos. 2
Pos. 1
Pos. 1 ± 30°
+30°
-30°
Pos. 4
Max. add-on N.C. auxiliary contacts: see accessory fitting details for a NF contactor relay
Mounting distances
The contactor relays can be assembled side by side.
Fixing
on rail according to IEC 60715, EN 60715
35 x 7.5 mm or 35 x 15 mm
by screws (not supplied)
2 x M4 screws placed diagonally
NF Contactor Relays
Technical Data
1SBC 101 110 S0201
Catalogue Page


Similar Description - 1SBH136001R2140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com