Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SBH137001R1340 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 1SBH137001R1340
Description  Contactor Relays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SBH137001R1340 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 1SBH137001R1340 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1SBH137001R1340 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SBH137001R1340 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SBH137001R1340 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SBH137001R1340 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SBH137001R1340 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SBH137001R1340 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SBH137001R1340 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1SBH137001R1340 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NFZ22E
NFZ44E
cULus
CE
Application
NFZ contactor relays are used for switching auxiliary and control circuits.
Description
– NFZ contactor relays include an electronic coil interface accepting a wide control voltage Uc min. ... Uc max. and
managing large control voltage variations.
NFZ contactor relays cover control voltages between 24...250 V 50/60 Hz or 12...250 V DC
– NFZ contactor relays allow direct control by PLC-output ≥ 24 V DC 500 mA and obtain a reduced holding coil
consumption.
NFZ contactor relays withstand short dips and voltage interruptions (SEMI F47-0706 compliance)
– NFZ contactor relays have built-in surge protection and do not require additional surge suppressors
– The contactor relays have mechanically-linked auxiliary contacts compliant with Annex L of IEC 60947-5-1 and
include the "Mechanically Linked" symbol on their side
– 8-pole contactor relays are mounted with a non-removable auxiliary contact block (2nd stack).
Ordering Details
Number of contacts
Control voltage
Type
Order code
Weight
1st stack
2nd stack
Uc min. ... Uc max.
Pack(ing)
1 piece
V 50/60 Hz V DC
kg
43
NO
NO
44
31
NC
NC
32
21
NC
NC
22
13
NO
NO
14
A1
A2
-
12...20
NFZ22E-20
1SBH 136 001 R2022
0.310
24...60
20...60
NFZ22E-21
1SBH 136 001 R2122
0.310
48...130
48...130
NFZ22E-22
1SBH 136 001 R2222
0.310
100...250 100...250 NFZ22E-23
1SBH 136 001 R2322
0.310
33
NO
NO
34
21
NC
NC
22
13
NO
NO
14
43
NO
NO
44
A1
A2
-
12...20
NFZ31E-20
1SBH 136 001 R2031
0.310
24...60
20...60
NFZ31E-21
1SBH 136 001 R2131
0.310
48...130
48...130
NFZ31E-22
1SBH 136 001 R2231
0.310
100...250 100...250 NFZ31E-23
1SBH 136 001 R2331
0.310
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
A1
A2
-
12...20
NFZ40E-20
1SBH 136 001 R2040
0.310
24...60
20...60
NFZ40E-21
1SBH 136 001 R2140
0.310
48...130
48...130
NFZ40E-22
1SBH 136 001 R2240
0.310
100...250 100...250 NFZ40E-23
1SBH 136 001 R2340
0.310
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
81
NC
NC
82
71
NC
NC
72
61
NC
NC
62
51
NC
NC
52
A1
A2
-
12...20
NFZ44E-20
1SBH 136 001 R2044
0.360
24...60
20...60
NFZ44E-21
1SBH 136 001 R2144
0.360
48...130
48...130
NFZ44E-22
1SBH 136 001 R2244
0.360
100...250 100...250 NFZ44E-23
1SBH 136 001 R2344
0.360
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
81
NC
NC
82
71
NC
NC
72
61
NC
NC
62
53
NO
NO
54
A1
A2
-
12...20
NFZ53E-20
1SBH 136 001 R2053
0.360
24...60
20...60
NFZ53E-21
1SBH 136 001 R2153
0.360
48...130
48...130
NFZ53E-22
1SBH 136 001 R2253
0.360
100...250 100...250 NFZ53E-23
1SBH 136 001 R2353
0.360
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
83
NO
NO
84
71
NC
NC
72
61
NC
NC
62
53
NO
NO
54
A1
A2
-
12...20
NFZ62E-20
1SBH 136 001 R2062
0.360
24...60
20...60
NFZ62E-21
1SBH 136 001 R2162
0.360
48...130
48...130
NFZ62E-22
1SBH 136 001 R2262
0.360
100...250 100...250 NFZ62E-23
1SBH 136 001 R2362
0.360
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
83
NO
NO
84
73
NO
NO
74
61
NC
NC
62
53
NO
NO
54
A1
A2
-
12...20
NFZ71E-20
1SBH 136 001 R2071
0.360
24...60
20...60
NFZ71E-21
1SBH 136 001 R2171
0.360
48...130
48...130
NFZ71E-22
1SBH 136 001 R2271
0.360
100...250 100...250 NFZ71E-23
1SBH 136 001 R2371
0.360
43
NO
NO
44
33
NO
NO
34
23
NO
NO
24
13
NO
NO
14
83
NO
NO
84
73
NO
NO
74
63
NO
NO
64
53
NO
NO
54
A1
A2
-
12...20
NFZ80E-20
1SBH 136 001 R2080
0.360
24...60
20...60
NFZ80E-21
1SBH 136 001 R2180
0.360
48...130
48...130
NFZ80E-22
1SBH 136 001 R2280
0.360
100...250 100...250 NFZ80E-23
1SBH 136 001 R2380
0.360
Note: Only NFZ contactor relays with DC control voltage 12...20 V DC need to respect the connection polarities indicated close to the coil
terminals: A1+ for the positive pole and A2- for the negative pole
NF Contactor Relays - NFZ Additional Coils
AC / DC Operated - with Screw Terminals
Catalogue Page 1SBC 101 078 S0201
ABB | 5


Similar Description - 1SBH137001R1340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com