Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN30H4D0LFDE Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN30H4D0LFDE
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN30H4D0LFDE Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN30H4D0LFDE Datasheet HTML 1Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 2Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 3Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 4Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 5Page - Diodes Incorporated DMN30H4D0LFDE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN30H4D0LFDE
Document number: DS36380 Rev. 4 - 2
1 of 6
www.diodes.com
May 2014
© Diodes Incorporated
DMN30H4D0LFDE
D
S
G
N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = +25°C
300V
4Ω @ VGS = 10V
0.55A
4Ω @ VGS = 4.5V
0.55A
6Ω @ VGS = 2.7V
0.44A
Description
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
Power management functions
Battery Operated Systems and Solid-State Relays
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories, Transistors, etc
Features
0.6mm profile – ideal for low profile applications
PCB footprint of 4mm
2
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: U-DFN2020-6
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.0065 grams (approximate)
Ordering Information (Note 4)
Part Number
Compliance
Case
Quantity per reel
DMN30H4D0LFDE-7
Standard
U-DFN2020-6
3,000
DMN30H4D0LFDE-13
Standard
U-DFN2020-6
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2013
2014
2015
2016
2017
2018
2019
Code
A
B
C
D
E
F
G
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
U-DFN2020-6
Bottom View
2H = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: A = 2013)
M = Month (ex: 9 = September)
e4
2H
Equivalent Circuit
Pin Out
Bottom View


Similar Part No. - DMN30H4D0LFDE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN30H4D0L DIODES-DMN30H4D0L Datasheet
383Kb / 6P
   Low Gate Threshold Voltage
DMN30H4D0L-13 DIODES-DMN30H4D0L-13 Datasheet
383Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN30H4D0L-13 DIODES-DMN30H4D0L-13 Datasheet
383Kb / 6P
   Low Gate Threshold Voltage
DMN30H4D0L-7 DIODES-DMN30H4D0L-7 Datasheet
383Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN30H4D0L-7 DIODES-DMN30H4D0L-7 Datasheet
383Kb / 6P
   Low Gate Threshold Voltage
More results

Similar Description - DMN30H4D0LFDE

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com