Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SBH136001R2171 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1SBH136001R2171
Description  Contactor Relays
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SBH136001R2171 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1SBH136001R2171 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SBH136001R2171 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1SBH136001R2171 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SBH136001R2171 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SBH136001R2171 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SBH136001R2171 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SBH136001R2171 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SBH136001R2171 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SBH136001R2171 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ABB | 3
CAL4
2-pole auxiliary
contact block
1-stack contactor relay
Top or bottom mounted
coil terminal block
BX4
Protective cover
CA4, CC4
1-pole auxiliary contact block
CA4
4-pole auxiliary contact block
BX4-CA
Protective cover
Contactor
Relays
AC / DC control voltage
NF22E
NF31E
NF40E
NF44E
NF53E
NF62E
NF71E
NF80E
2 N.O. + 2 N.C. 3 N.O. + 1 N.C.
4 N.O.
4 N.O. + 4 N.C. 5 N.O. + 3 N.C. 6 N.O. + 2 N.C. 7 N.O. + 1 N.C.
8 N.O.
Control Circuit Switching
IEC
Rated operational current
AC-15
240 V
4 A
400 V
3 A
690 V
2 A
DC-13
24 V
6 A / 144 W
400 V
0.15 A / 60 W
UL/CSA
Pilot Duty
A600, Q600
Main Accessories
Auxiliary
contact
blocks
Front mounting
1-pole CA4-10 or CA4-01,
CC4-10 or CC4-01
4-pole CA4
Side mounting
2-pole CAL4
Top or bottom mounted
coil terminal block
CAL4
2-pole auxiliary
contact block
BX4-CA
Protective cover
2-stack contactor relay


Similar Description - 1SBH136001R2171

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
   Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com