Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OT100F3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OT100F3
Description  Disconnect switches Non-fusible Fusible
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT100F3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OT100F3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OT100F3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OT100F3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OT100F3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OT100F3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OT100F3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OT100F3 Datasheet HTML 7Page - List of Unclassifed Manufacturers OT100F3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Disconnect switches - Nonfusible & fusible | 3
ABB differentiates itself in the disconnect switch market by
offering UL98, UL508 and IEC rated switches. ABB’s UL98
listed disconnect range includes 30 to 2,000 A non-fusible and
30 to 1200 A fusible switches. These may be used in a variety
of applications — on service equipment, motor control centers,
or as motor branch circuits. The UL508 listed offering has
clearance distances less than those required by UL98. ABB’s
line of UL508 listed non-fusible disconnects ranges from 16 to
80 A and can be used as motor controllers.
IEC rated switches are available from 16 - 3150 A (non-fusible)
and 30 - 1200 A (fusible).
Selecting disconnect switches
Motor feeder
Motor feeder short circuit and
ground fault protection
Motor disconnecting means
(NEC ® 430.101 - 430.113)
Motor controller
(NEC ® 430.81 - 4.30.91)
Motor overload protection
(NEC ® 430.31 - 4.30.44)
OSHA Lockout/tagout disconnect
(NEC ® 430.81 - 430.91)
Motor
Motor branch-circuit
short-circuit
protection
(NEC ® 430.51 - 430.58)
To supply
UL98
Fusible Switches
OS30, OS60, OS100,
OS200, OS400, OS600,
OS800, OS1200
UL98
Non-Fusible Switches
OT30, OT60, OT100
OT200, OT400, OT600,
OT800, OT1200,
OETL-NF1600 thru
OETL-NF2000
UL508
Non-Fusible Switches
OT16, OT25, OT40,
OT63, OT80
(UL98 switches can also
be applied)
Typical control panel
OL
M
Article 430 of the US National Electric Code includes two methods for properly
sizing disconnect switches.
Single motor application
A properly sized disconnect switch for a single motor will:
• Have an ampere rating greater than or equal to 115 percent
of the rated motor full load current; or,
• Have a HP rating greater than or equal to the rated motor
HP (at applied voltage) if the disconnect switch under
consideration is HP rated.
Combination load application
A properly sized disconnect switch for a combination load will
be selected by adding all the simultaneous individual loads in
the circuit under consideration.
Using motor nameplate information, load information, and
tables from section 430 of the NEC, determine one equivalent
full load current and one equivalent locked rotor current. The
equivalent locked rotor current can be used with table 430-
151 to determine an equivalent HP rating. Select a disconnect
switch:
• Greater than or equal to 115 percent of the equivalent full
load current; or,
• Greater than or equal to the equivalent HP rating.
Use of UL98 & UL508 Disconnects according to NEC Article 430


Similar Part No. - OT100F3

ManufacturerPart #DatasheetDescription
logo
EMP-Centauri s.r.o.
OT101FED-4 EMP-CENTAURI-OT101FED-4 Datasheet
286Kb / 1P
   Optical transmitter 10in / 1out
More results

Similar Description - OT100F3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RDF30CC-3N COOPER-RDF30CC-3N Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3N-COMP COOPER-RDF30J-3N-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30CC-3 COOPER-RDF30CC-3 Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3-COMP COOPER-RDF30J-3-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Schneider Electric
8538SBA21V81FF4T SCHNEIDER-8538SBA21V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA23V81AFF4P1T SCHNEIDER-8538SBA23V81AFF4P1T Datasheet
107Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA23V81FF4T SCHNEIDER-8538SBA23V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA43V81FF4T SCHNEIDER-8538SBA43V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com