Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS800L03 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OS800L03
Description  Disconnect switches Non-fusible Fusible
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OS800L03 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OS800L03 Datasheet HTML 1Page - List of Unclassifed Manufacturers OS800L03 Datasheet HTML 2Page - List of Unclassifed Manufacturers OS800L03 Datasheet HTML 3Page - List of Unclassifed Manufacturers OS800L03 Datasheet HTML 4Page - List of Unclassifed Manufacturers OS800L03 Datasheet HTML 5Page - List of Unclassifed Manufacturers OS800L03 Datasheet HTML 6Page - List of Unclassifed Manufacturers OS800L03 Datasheet HTML 7Page - List of Unclassifed Manufacturers OS800L03 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Disconnect switches - Nonfusible & fusible | 5
Lowered install costs
Traditional
switches
ABB
switches
Cost reduction
Switches
Accessories
Installation
Space
Flexible installation & mounting options
Mount the switch based on your specific panel requirements. Simply
install the handle on the door, in line with the switch. The switch and
handle are mechanically linked through an easy to install shaft, allowing
fast and flexible installation into various panel depths and configurations.
• Door mounting 16 A - 100 A
• DIN rail mounting 16 A - 100 A
• Base mount with screws 16 A - 3150 A
UL98 / IEC
IEC
Catalog number
3 pole
OT200U03
OT400UO3
OT600U03
OT800U03
OT1200U03
OETL-NF1600SW
OETL-NF2000SW
OETL-NF3150SW
Amp rating
A
200
400
600
800
1200
1600
2000
3150
Approvals 1
2 pole
N/A
N/A
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
IEC
3 pole
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
IEC
4 pole
UL98 / IEC
UL98 / IEC
UL98 / IEC
IEC
IEC
IEC
IEC
IEC
Technical ratings – UL, CSA
Max operating voltage
V
600
600
600
600
600
600
600
600
Max horsepower rating
Three phase
240 V
HP
75
125
200
15
480 V
HP
150
250
400
30
600 V
HP
200
350
500
30
Single phase
120 V
240 V
Technical ratings – IEC
Rated insulation and operational
voltage. AC20 and DC20
V
1000
1000
1000
1000
1000
1000
1000
1000
Rated thermal current, Ith
AC 20/DC 20 open
A
250
400
800
1250
1600
2500
2500
3150
AC 20/DC 20 enclosed
A
250
400
720
1250
1600
2300
2500
2600
AC 21A ≤500 V
A
250
400
800
1250
1600
2500 2
2500 2
3150 2
≤690 V
A
250
400
800
1250
1600
2500 2
2500 2
3150 2
Rated operational power AC23
400/415 V
kW
132
220
355
400
400
400
400
400
690 V
kW
240
355
355
Short circuit interrupting capacity
Fuse type CC
kA
Fuse type J
kA
200
100
100
Fuse type T
kA
100
Fuse type RK1
kA
Fuse type RK5
kA
100
Fuse type L
kA
100
100
100
100
Fuse type H
kA
Maximum fuse size
A
350
600
600
1200
1200
2000
2000
Physical characteristics
Weight 1 3 pole
lb
2.9
5.7
13.66
35.9
38.55
127.7
127.7
127.7
Dimension 3 pole
H in
6.69
8.66
11.77
19.09
19.09
25.04
25.04
25.04
W in
6.67
8.7
11.93
14.29
14.29
18.43
18.43
18.43
D in
3.30
3.35
5.12
4.92
4.92
10.67
10.67
10.67
OT200U03
OT400U03
OT600U03
OT800U03
OT1200U03
OETL-NF1600SW
OETL-NF2000SW
OETL-NF3150SW
1 Switch only
2 IEC 947-3 Utilization Category B, Infrequent operation


Similar Part No. - OS800L03

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
OS81118 MICROCHIP-OS81118 Datasheet
530Kb / 2P
   MOST150 INIC with USB 2.0 Device Port
9/16
logo
PREMIER DEVICES, INC.
OS8740230 PDI-OS8740230 Datasheet
271Kb / 5P
   Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC
OS8740230W PDI-OS8740230W Datasheet
161Kb / 5P
   Excellent linearity
logo
Teledyne Technologies I...
OS8900 TELEDYNE-OS8900 Datasheet
184Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - OS800L03

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RDF30CC-3N COOPER-RDF30CC-3N Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3N-COMP COOPER-RDF30J-3N-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30CC-3 COOPER-RDF30CC-3 Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3-COMP COOPER-RDF30J-3-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
logo
Vishay Siliconix
NFR25 VISHAY-NFR25 Datasheet
96Kb / 8P
   Fusible, Non-Flammable Resistors
Revision: 24-Feb-04
NFR25H VISHAY-NFR25H Datasheet
745Kb / 9P
   Fusible, Non-Flammable Resistors
Revision: 21-Feb-08
logo
Schneider Electric
8538SBA21V81FF4T SCHNEIDER-8538SBA21V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA23V81AFF4P1T SCHNEIDER-8538SBA23V81AFF4P1T Datasheet
107Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA23V81FF4T SCHNEIDER-8538SBA23V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
8538SBA43V81FF4T SCHNEIDER-8538SBA43V81FF4T Datasheet
103Kb / 2P
   NEMA Fusible Disconnect Switch Combination Starters
Feb 6, 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com