Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP1011UCB9-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP1011UCB9-7
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP1011UCB9-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP1011UCB9-7 Datasheet HTML 1Page - Diodes Incorporated DMP1011UCB9-7 Datasheet HTML 2Page - Diodes Incorporated DMP1011UCB9-7 Datasheet HTML 3Page - Diodes Incorporated DMP1011UCB9-7 Datasheet HTML 4Page - Diodes Incorporated DMP1011UCB9-7 Datasheet HTML 5Page - Diodes Incorporated DMP1011UCB9-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP1011UCB9
Document number: DS37852 Rev. 2 - 2
2 of 6
www.diodes.com
July 2015
© Diodes Incorporated
DMP1011UCB9
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-8
V
Gate-Source Voltage
VGSS
-6
V
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-10
-8
A
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-7.4
-6.0
A
Pulsed Drain Current (
Pulse duration 10μs, duty cycle ≤1%)
IDM
-50
A
Continuous Source Pin Current (Note 6)
IS
-2
Pulsed Source Pin Current (Pulse duration 10µs, duty cycle ≤1%)
ISM
-15
Continuous Gate Current
IG
-0.5
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.89
W
Total Power Dissipation (Note 6)
PD
1.57
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
+142.1
°C/W
Thermal Resistance, Junction to Ambient (Note 6)
RθJA
+80.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-8
V
VGS = 0V, ID = -250μA
Gate to Source Voltage
BVSGS
-6
V
VDS = 0V, ID = -250μA
Zero Gate Voltage Drain Current
@TC = +25°C
IDSS
-1
μA
VDS = -4.0V, VGS = 0V
Gate-Source Leakage
IGSS
-100
nA
VGS = -4.0V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-0.4
-0.8
-1.1
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
8.2
10
m
Ω
VGS = -4.5V, ID = -2A
10
13
VGS = -3.0V, ID = -2A
11
14
VGS = -2.5V, ID = -2A
Forward Transfer Admittance
|Yfs|
16.8
S
VDS = -4V, ID = -2A
Diode Forward Voltage (Note 6)
VSD
-0.7
-1
V
VGS = 0V, IS = -2A
Reverse Recovery Charge
Qrr
6.3
nC
Vdd = -5V, IF = -2A,
di/dt = 200A/μs
Reverse Recovery Time
trr
18.5
ns
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
817
1,060
pF
VDS = -4V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
595
770
pF
Reverse Transfer Capacitance
Crss
269
350
pF
Series Gate Resistance
RG
1.9
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (4.5V)
Qg
8.1
10.5
nC
VGS = -4.5V, VDS = -4V,
ID = -2A
Gate-Source Charge
Qgs
0.9
nC
Gate-Drain Charge
Qgd
1.8
nC
Turn-On Delay Time
tD(on)
6.2
10
ns
VDD = -4V, VGS = -4.5V,
IDS = -2A, RG = 10Ω,
Turn-On Rise Time
tr
22.6
ns
Turn-Off Delay Time
tD(off)
30.1
48
ns
Turn-Off Fall Time
tf
22.7
ns
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout.
6. Device mounted on FR4 material with 1-inch
2 (6.45cm2), 2oz (0.071mm thick) Cu.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMP1011UCB9-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP1011UCB9-7 DIODES-DMP1011UCB9-7 Datasheet
454Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP1011UCB9-7

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com