Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SFA896111R1100 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 1SFA896111R1100
Description  Softstarters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SFA896111R1100 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  1SFA896111R1100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SFA896111R1100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1SFA896111R1100 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SFA896111R1100 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SFA896111R1100 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SFA896111R1100 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SFA896111R1100 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
10 Softstarters | 1SFC132005C0201, rev. M
1SFC132005C0201, rev. M | Softstarters 11
PSR – The compact range
Ordering details
PSR3 ... PSR105
Rated operational voltage U
e, 208-600 V AC
Rated control supply voltage, U
s, 100-240 V AC
Motor power
230 V
P
e
kW
400 V
P
e
kW
500 V
P
e
kW
IEC
Max rated
operational
current I
e
A
Type
Order code
Weight
kg
1 piece
0.75
1.5
2.2
3.9
PSR3-600-70
1SFA896103R7000
0.450
1.5
3
4
6.8
PSR6-600-70
1SFA896104R7000
0.450
2.2
4
4
9
PSR9-600-70
1SFA896105R7000
0.450
3
5.5
5.5
12
PSR12-600-70
1SFA896106R7000
0.450
4
7.5
7.5
16
PSR16-600-70
1SFA896107R7000
0.450
5.5
11
15
25
PSR25-600-70
1SFA896108R7000
0.650
7.5
15
18.5
30
PSR30-600-70
1SFA896109R7000
0.650
7.5
18.5
22
37
PSR37-600-70
1SFA896110R7000
1.000
11
22
30
45
PSR45-600-70
1SFA896111R7000
1.000
15
30
37
60
PSR60-600-70
1SFA896112R7000
2.200
22
37
45
72
PSR72-600-70
1SFA896113R7000
2.270
22
45
55
85
PSR85-600-70
1SFA896114R7000
2.270
30
55
55
105
PSR105-600-70
1SFA896115R7000
2.270
Rated operational voltage U
e, 208-600 V AC
Rated control supply voltage, U
s, 24 V AC/DC
0.75
1.5
2.2
3.9
PSR3-600-11
1SFA896103R1100
0.450
1.5
3
4
6.8
PSR6-600-11
1SFA896104R1100
0.450
2.2
4
4
9
PSR9-600-11
1SFA896105R1100
0.450
3
5.5
5.5
12
PSR12-600-11
1SFA896106R1100
0.450
4
7.5
7.5
16
PSR16-600-11
1SFA896107R1100
0.450
5.5
11
15
25
PSR25-600-11
1SFA896108R1100
0.650
7.5
15
18.5
30
PSR30-600-11
1SFA896109R1100
0.650
7.5
18.5
22
37
PSR37-600-11
1SFA896110R1100
1.000
11
22
30
45
PSR45-600-11
1SFA896111R1100
1.000
15
30
37
60
PSR60-600-11
1SFA896112R1100
2.200
22
37
45
72
PSR72-600-11
1SFA896113R1100
2.270
22
45
55
85
PSR85-600-11
1SFA896114R1100
2.270
30
55
55
105
PSR105-600-11
1SFA896115R1100
2.270
PSR – The compact range
Accessories
PSLW
PSR45-MS450
PSR105-MS495
PSR30-MS132
Connection kit
Connection kit
For softstarter type
Type
Order code
Packing
piece
Weight
kg
1 piece
PSR3...PSR16 with MS116 or MS132
PSR16-MS116
1SFA896211R1001
1
0.022
PSR25...PSR30 with MS132-12...MS132-32
PSR30-MS132
1SFA896212R1001
1
0.040
PSR37...PSR45 with MS450
PSR45-MS450
1SFA896213R1001
1
0.034
PSR60...PSR105 with MS495
PSR105-MS495
1SAM501903R1001 1
0.050
Fan
For softstarter type
Type
Order code
Packing
piece
Weight
kg
1 piece
PSR3...PSR45
PSR-FAN3-45A
1SFA896311R1001
1
0.010
PSR60...PSR105
PSR-FAN60-105A 1SFA896313R1001
1
0.013
Terminal enlargements
For softstarter type
Type
Order code
Packing
piece
Weight
kg
1 piece
PSR60...105
Wire range mm2 1x10...50, 2x10...25
PSLW-72
1SFA899002R1072
1
0.150
FieldBusPlug connection accessory
For softstarter type
Type
Order code
Packing
piece
Weight
kg
1 piece
The same accessory for all sizes
PS-FBPA
1SFA896312R1002
1
0.060
ABB’s FieldBusPlug suitable for all sizes. See page 50-53
PSR-FAN60-105A
Thermal motor
overload protection
Short circuit
protection
Softstarter providing
excellent start and stop
Isolating function
Connection
device
PSR-FAN3-45A
PSR3 ... PSR16
PSR25 ... PSR30
PSR37 ... PSR45
PSR60 ... PSR105
PS-FBPA
PSR16-MS116


Similar Part No. - 1SFA896111R1100

ManufacturerPart #DatasheetDescription
logo
ABB
1SFA184000R9006 ABB-1SFA184000R9006 Datasheet
25Mb / 172P
   Pilot devices, 22 mm The complete offering
Rev D
1SFA184001R9001 ABB-1SFA184001R9001 Datasheet
25Mb / 172P
   Pilot devices, 22 mm The complete offering
Rev D
1SFA184002R9002 ABB-1SFA184002R9002 Datasheet
25Mb / 172P
   Pilot devices, 22 mm The complete offering
Rev D
1SFA184003R9003 ABB-1SFA184003R9003 Datasheet
25Mb / 172P
   Pilot devices, 22 mm The complete offering
Rev D
1SFA184006R9004 ABB-1SFA184006R9004 Datasheet
25Mb / 172P
   Pilot devices, 22 mm The complete offering
Rev D
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com