Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K5611 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # K5611
Description  Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

K5611 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  K5611 Datasheet HTML 1Page - KODENSHI_AUK CORP. K5611 Datasheet HTML 2Page - KODENSHI_AUK CORP. K5611 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photocoupler
FEATURES
• TTL Compatible Output
• Collector-Emitter Voltage : Min.70V
• Current Transfer Ratio : Typ.50% (at IF=5mA, VCE=5V)
• Electrical Isolation Voltage : AC5000Vrms
• UL Recognized File No. E107486
APPLICATIONS
• Interface between two circuits of different potential
• Vending Machine, Copiers
• Measuring Instrument
• Home Appliances
MAXIMUM RATINGS
(Ta=25℃ )
** Except for K5610
*1. Input current with 100㎲ pulse width, 1% duty cycle
*2. Measured at RH=40~60% for 1min
*3. 1/16 inch form case for 10sec
K5610 • K5611
These Photocouplers consist of a Gallium Arsenide Infrared Emitting
Diode and a Silicon NPN Phototransistor in a 6-pin package.
260
Collector Power Dissipation
PC
Lead Soldering Temperature
*3
Tsol
Operating Temperature
Topr
-30~+100
Storage Temperature
Tstg
-55~+125
Input to Output Isolation Voltage
*2
Viso
AC5000
Vrms
150
mW
V
V
V
Collector Current
IC
50
mA
Emitter-Collector Breakdown Voltage
BVECO
7
Collector-Base Breakdown Voltage**
BVCBO
80
mA
V
A
Power Dissipation
PD
70
mW
Reverse Voltage
VR
5
Total Power Dissipation
Peak Forward Current
*1
IFP
1
Ptot
200
Output
Collector-Emitter Breakdown Voltage
BVCEO
70
Input
Forward Current
IF
50
Parameter
Symbol
Rating
Unit
mW
DIMENSION
(Unit : mm)
1/3
K5610
K5611
PIN NO. AND INTERNAL
CONNECTION DIAGRAM
3
2
1
6
5
4
4
5
6
1
2
3


Similar Part No. - K5611

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
K561 KNOX-K561 Datasheet
33Kb / 1P
   LOW LEVEL ZENER DIODES SHARP KNEE, LOW IMPEDANCE
logo
Vishay Siliconix
K561J15C0GF5.H5 VISHAY-K561J15C0GF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K561J15C0GF5.L2 VISHAY-K561J15C0GF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K561J15C0GF5TL2 VISHAY-K561J15C0GF5TL2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
K561J15C0GK5.H5 VISHAY-K561J15C0GK5.H5 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
More results

Similar Description - K5611

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N27 KODENSHI-K4N27 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N38 KODENSHI-K4N38 Datasheet
191Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K3610 KODENSHI-K3610 Datasheet
193Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17L1 KODENSHI-PC-17L1 Datasheet
288Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N28 KODENSHI-K4N28 Datasheet
224Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K101 KODENSHI-K101 Datasheet
257Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com