Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFL-1ML-N Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # KFL-1ML-N
Description  Infrared Emitting Diodes(GaAIAs)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KFL-1ML-N Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  KFL-1ML-N Datasheet HTML 1Page - KODENSHI_AUK CORP. KFL-1ML-N Datasheet HTML 2Page - KODENSHI_AUK CORP. KFL-1ML-N Datasheet HTML 3Page - KODENSHI_AUK CORP. KFL-1ML-N Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Infrared Emitting Diodes(GaAIAs)
5. Absolute Maximum Ratings
[TA = 25℃]
Notes : 1. Pulse Width : tw=100 μsec. Period : T=10 msec.
2. For MAX. 5 seconds at the position of 2 mm from the resin edge.
6. Electro-optical Characteristics
[TA = 25℃]
7. Inspection Criteria
7-1. In electrical and optical characteristics, all products are inspected for following
3 items.
Reverse Voltage : BVR
Forward Voltage : VF
Radiant Intensity : PO
7-2. No particular inspections shall be carried out for items other than those above. However
they shall satisfy the ratings.
2/4
KKC-QM-043-2
KFL-1ML-N
Parameter
Reverse Voltage
Forward Current
Pulse Forward Current (see Note 1)
Power Dissipation
Operating Temperature
deg.
±63
14
Symbol
Ratings
5
80
VR
IF
A
140
Typ
mW
Min
PD
Topr.
Unit
V
10
V
Unit
1.7
1
Tsol.
IFP
Storage Temperature
Tstg.
-30 ~ +100
-25 ~ +80
260
IF = 50 mA
Peak Emission Wavelength
Soldering Temperature (see Note 2)
Item
Spectral Bandwidth
IR
Forward Voltage
Reverse Current
VR = 5 V
Max
1.5
30
850
VF
Conditions
IF = 50 mA
Half Angle
λp
Δλ
PO
Δθ
IF = 50 mA
IF = 50 mA
Radiant Intensity
25
pF
Capacitance
Ct
f=1MHz
Symbol


Similar Part No. - KFL-1ML-N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
KFL VBSEMI-KFL Datasheet
790Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - KFL-1ML-N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KBL-1KL3 KODENSHI-KBL-1KL3 Datasheet
41Kb / 2P
   Infrared Emitting Diodes(GaAIAs)
logo
OPTEK Technologies
OP240A OPTEK-OP240A Datasheet
400Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP266A OPTEK-OP266A Datasheet
323Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP245A OPTEK-OP245A Datasheet
360Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP269A OPTEK-OP269A Datasheet
281Kb / 2P
   GaAIAs Plastic Infrared Emitting Diodes
OP240SL OPTEK-OP240SL Datasheet
92Kb / 2P
   GaAIAs Plastic Infrared Emitting Diodes
OP265A OPTEK-OP265A Datasheet
386Kb / 2P
   GaAIAs Plastic Infrared Emitting Diodes
OP268FA OPTEK-OP268FA Datasheet
355Kb / 2P
   GaAIAs Plastic Infrared Emitting Diodes
OP223 OPTEK-OP223 Datasheet
302Kb / 2P
   GAAIAS HERMETIC INFRARED EMITTING DIODES
OP266W OPTEK-OP266W Datasheet
374Kb / 2P
   GaAIAs Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com