Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SAZ911201R1004 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 1SAZ911201R1004
Description  Thermal overload relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SAZ911201R1004 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  1SAZ911201R1004 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1SAZ911201R1004 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1SAZ911201R1004 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1SAZ911201R1004 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1SAZ911201R1004 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SAZ911201R1004 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SAZ911201R1004 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SAZ911201R1004 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2CDC106069D0201 - 5
Auxiliary circuit
95-96, 97-98
Rated operational voltage Ue
600 V
Conventional free air thermal current Ith
NC, 95-96
6 A
NO, 97-98
4 A
Rated frequency
DC, 50/60 Hz
Number of poles
1NC + 1NO
Rated operational current Ie
acc. to IEC/EN 60947-5-1 for utilization category
at AC-15 at 110-120 V
NC, 95-96
3.00 A
NO, 97-98
0.75 A
at AC-15 at 220-230-240 V
NC, 95-96
3.00 A
NO, 97-98
0.75 A
at AC-15 at 440 V
NC, 95-96
0.75 A
NO, 97-98
0.75 A
at AC-15 at 480-500 V
NC, 95-96
0.75 A
NO, 97-98
0.75 A
at DC-13 at 24 V
NC, 95-96
1.25 A
NO, 97-98
1.25 A
at DC-13 at 110-120-125 V
NC, 95-96
0.55 A
NO, 97-98
0.55 A
at DC-13 at 250 V
NC, 95-96
0.27 A
NO, 97-98
0.27 A
at DC-13 at 500 V
NC, 95-96
0.15 A
NO, 97-98
0.15 A
Minimum switching capacity
17 V / 3 mA
Short-circuit protective devices
NC, 95-96
6 A, Type gG
NO, 97-98
4 A, Type gG
Isolation data
95-96, 97-98
Rated impulse withstand voltage Uimp
6 kV
Rated insulation voltage Ui
690 V
Pollution degree
3
Electrical connection
95-96, 97-98
Connecting capacity
solid
1/2x 0.75 ... 4 mm²
stranded
1/2x 0.75 ... 4 mm²
flexible with ferrule
1/2x 0.75 ... 2.5 mm²
flexible with ferrule insulated
1x 0.75 ... 2.5 mm²
2x 0.75 ... 1.5 mm²
flexible without ferrule
1/2x 0.75 ... 1 mm²
1/2x 1 ... 2.5 mm²
Stripping length
9 mm
Tightening torques
1 ... 1.5 Nm
Connection screw
M3 (Pozidriv 2)


Similar Part No. - 1SAZ911201R1004

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1SA0 MCC-1SA0 Datasheet
86Kb / 3P
   1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Shanghai Lunsure Electr...
1SA0 CHENYI-1SA0 Datasheet
54Kb / 3P
   1.0Amp Schottky Barrier Rectifier
logo
Jinan Jingheng (Group) ...
1SA0 JINANJINGHENG-1SA0 Datasheet
65Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Shunye Electro...
1SA0 SY-1SA0 Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
1SA0 SHUNYE-1SA0 Datasheet
259Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - 1SAZ911201R1004

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LA7D3064 SCHNEIDER-LA7D3064 Datasheet
131Kb / 1P
   TeSys LRD thermal overload relay, terminal block adaptor
Aug 10, 2019
logo
STMicroelectronics
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
logo
Schneider Electric
LR9D01 SCHNEIDER-LR9D01 Datasheet
122Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 0.1...0.5 A
LR9D01 SCHNEIDER-LR9D01_V01 Datasheet
136Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 0.1...0.5 A
May 30, 2022
DPER08 SCHNEIDER-DPER08 Datasheet
133Kb / 3P
   Easy TeSys DPER thermal overload relay, 2.5?? A, class 10
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Schneider Electric
LR9D32 SCHNEIDER-LR9D32 Datasheet
120Kb / 3P
   TeSys LRD - electronic thermal overload relay - 3P - 6.4...32 A
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
   Internal thermal overload protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com