Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V4-T1-6 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # V4-T1-6
Description  Miniature Circuit Breakers and Supplementary Protectors
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V4-T1-6 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button V4-T1-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers V4-T1-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers V4-T1-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers V4-T1-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers V4-T1-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers V4-T1-6 Datasheet HTML 10Page - List of Unclassifed Manufacturers V4-T1-6 Datasheet HTML 11Page - List of Unclassifed Manufacturers V4-T1-6 Datasheet HTML 12Page - List of Unclassifed Manufacturers V4-T1-6 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 98 page
background image
Volume 4—Circuit Protection
CA08100005E—October 2015
www.eaton.com
V4-T1-9
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Miniature Circuit Breakers and Supplementary Protectors
Industrial Circuit Breakers
Product Selection
Ground Fault Circuit Breakers—5 mA Sensitivity QUICKLAG Type:
QPGFT 10,000A Interrupting Capacity Thermal-Magnetic Breakers
QUICKLAG Type: QPHGFT 22,000A Interrupting Capacity
Thermal-Magnetic Breakers
Ground Fault Equipment Breakers—30 mA Sensitivity QUICKLAG Type:
QPGFEP 10,000A Interrupting Capacity Thermal-Magnetic Breakers
QUICKLAG Type: QPHGFEP 22,000A Interrupting Capacity
Thermal-Magnetic Breakers
Continuous
Ampere Rating
at 40°C
Single-Pole
Two-Pole
120 Vac
120/240 Vac
Catalog Number
Catalog Number
15
QPGFT1015
QPGFT2015
20
QPGFT1020
QPGFT2020
25
QPGFT1025
QPGFT2025
30
QPGFT1030
QPGFT2030
40
QPGFT1040
QPGFT2040
50
QPGFT2050
Continuous
Ampere Rating
at 40°C
Single-Pole
Two-Pole
120 Vac
120/240 Vac
Catalog Number
Catalog Number
15
QPHGF1015
QPHGF2015
20
QPHGF1020
QPHGF2020
25
QPHGF1025
QPHGF2025
30
QPHGF1030
QPHGF2030
Continuous
Ampere Rating
at 40°C
Single-Pole
Two-Pole
120 Vac
120/240 Vac
Catalog Number
Catalog Number
15
QPGFEP1015
QPGFEP2015
20
QPGFEP1020
QPGFEP2020
25
QPGFEP1025
QPGFEP2025
30
QPGFEP1030
QPGFEP2030
40
QPGFEP1040
QPGFEP2040
50
QPGFEP2050
Continuous
Ampere Rating
at 40°C
Single-Pole
Two-Pole
120 Vac
120/240 Vac
Catalog Number
Catalog Number
15
QPHGFEP1015
QPHGFEP2015
20
QPHGFEP1020
QPHGFEP2020
25
QPHGFEP1025
QPHGFEP2025
30
QPHGFEP1030
QPHGFEP2030
QUICKLAG Type QPGFT
Single-Pole


Similar Part No. - V4-T1-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V4-83170 ETC1-V4-83170 Datasheet
3Mb / 8P
   SUBMINIATURE MICROSWITCHES - PREMIUM
logo
TE Connectivity Ltd
V4-V23100 TEC-V4-V23100 Datasheet
2Mb / 4P
   Direct coil control with TTL-signals possible
More results

Similar Description - V4-T1-6

ManufacturerPart #DatasheetDescription
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
5SY4 SIEMENS-5SY4 Datasheet
1Mb / 5P
   Features of 5SY supplementary protectors
logo
Altech corporation
H1COL ALTECH-H1COL Datasheet
5Mb / 16P
   Miniature Molded Case Circuit Breakers
logo
PHOENIX CONTACT
TMC81C01A PHOENIX-TMC81C01A Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
logo
Weidmuller
BR1C10UC WEIDMULLER-BR1C10UC Datasheet
4Mb / 32P
   UL 489 and UL 1077 DIN-Rail Miniature Circuit Breakers
logo
PHOENIX CONTACT
3644 PHOENIX-3644 Datasheet
790Kb / 13P
   Thermal magnetic UL 489 miniature circuit breakers
2016-06-14
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com