Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V201K4CJ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # V201K4CJ
Description  Vacuum Contactors & Starters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V201K4CJ Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  V201K4CJ Datasheet HTML 1Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 2Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 3Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 4Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 5Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 6Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 7Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 8Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
July 2008
CA08102002K
For more information visit: www.EatonCanada.ca
D-3
Vacuum Contactors & Starters
D
NEMA, Special Purpose and Mining Rating
Product Selection
Product Selection
When Ordering Specify
Catalogue Number
Heater Pack if ordering a Starter, order in quantities of three
Any required Accessories
Table D-1. NEMA Rated Product Selection
Starters use Type B overload relay. Refer to Heater Coil Selection Table, Page D-4. Starters do not include Heater Packs.
Coils are rated for 50/60 Hz applications.
Table D-2. Special Purpose Product Selection
Starters use Type B overload relay. Refer to Heater Coil Selection Table, Page D-4. Starters do not include Heater Packs.
Coils are rated for 50/60 Hz applications.
The 540A device does not carry CE or IEC ratings.
NEMA
Size
Ampere
Rating
Motor
Voltage
Maximum
Horsepower
Rating
Magnet
Coil Voltage
Contactor
Non-reversing
Contactor
Reversing
Starter
Non-reversing
Catalogue
Number
Price
Catalogue
Number
Price
Catalogue
Number
Price
4
135
200
230
380
460
575
40
50
75
100
100
110/120
V201K4CJ
V211K4CJ
V200M4CJC
220/240
V201K4CK
V211K4CK
V200M4CK
440/480
V201K4CU
V211K4CU
V200M4CU
5
270
200
230
380
460
575
75
100
150
200
200
110/120
V201K5CJZ1
V211K5CJZ1
V200M5CJC
220/240
V201K5CKZ1
V211K5CKZ1
V200M5CK
440/480
V201K5CUZ1
V211K5CUZ1
V200M5CU
6
540
200
230
380
460
575
150
200
300
400
400
110/120
V201K6CJZ1
V211K6CJZ1
V200M6CJC
220/240
V201K6CKZ1
V211K6CKZ1
V200M6CK
440/480
V201K6CUZ1
V200M6CU
Ampere
Rating
Motor
Voltage
Maximum
Horsepower
Rating
Magnet
Coil
Voltage
Contactor
Non-reversing
Contactor
Reversing
Starter
Non-reversing
Starter
Reversing
Catalogue
Number
Price
Catalogue
Number
Price
Catalogue
Number
Price
Catalogue
Number
Price
160
200
230
380
460
575
800
1500
50
60
100
125
150
200
400
110/120
V201KRCJ
V211KRCJ
— —
220/240
V201KRCK
V211KRCK
— —
380/415
V201KRCH
V211KRCH
— —
440/480
V201KRCU
V211KRCU
— —
320
200
230
380
460
575
795
1500
100
125
200
250
300
400
800
110/120
V201KTCJZ1
V211KTCJZ1
V200MTCJC
V210MTCJC
220/240
V201KTCKZ1
V211KTCKZ1
V200MTCK
V210MTCK
380/415
V201KTCHZ1
V211KTCHZ1
V200MTCH
V210MTCH
440/480
V201KTCUZ1
V211KTCUZ1
V200MTCU
V210MTCU
540
200
230
380
460
575
795
1500
150
200
300
400
500
700
1300
110/120
V201KVCJZ1
V211KVCJZ1
V200MVCJ
V210MVCJ
220/240
V201KVCKZ1
V211KVCKZ1
V200MVCK
V210MVCK
380/415
V201KVCHZ1
V200MVCH
440/480
V201KVCUZ1
V200MVCU
610
200
230
380
460
575
795
1500
200
200
300
450
500
800
1600
110/120
V201KZCJZ1
V211KZCJZ1
— —
220/240
V201KZCKZ1
V211KZCKZ1
— —
380/415
V201KZCHZ1
— —
440/480
V201KZCUZ1
— —
Discount Symbol . . . . . . . . . . . . . . . . . . . . . . . MC7
Tab36.fm Page 3 Monday, September 22, 2008 7:39 AM


Similar Part No. - V201K4CJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
V20100980 TOSHIBA-V20100980 Datasheet
4Mb / 63P
   COLOURTELEVISION
2003
logo
Vishay Siliconix
V20100C VISHAY-V20100C Datasheet
167Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 31-Jul-08
V20100C VISHAY-V20100C Datasheet
161Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20100C-E3 VISHAY-V20100C-E3 Datasheet
167Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 13-Dec-16
V20100C-E3 VISHAY-V20100C-E3 Datasheet
214Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results

Similar Description - V201K4CJ

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
GVC6-400 GREEGOO-GVC6-400 Datasheet
215Kb / 2P
   Vacuum Contactors
GVC1-400A GREEGOO-GVC1-400A Datasheet
444Kb / 4P
   Vacuum Contactors
GVC611-2000 GREEGOO-GVC611-2000 Datasheet
458Kb / 6P
   Vacuum Contactors
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com