Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V201K4CJ Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # V201K4CJ
Description  Vacuum Contactors & Starters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V201K4CJ Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button V201K4CJ Datasheet HTML 2Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 3Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 4Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 5Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 6Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 7Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 8Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 9Page - List of Unclassifed Manufacturers V201K4CJ Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
July 2008
D-8
For more information visit: www.EatonCanada.ca
CA08102002K
Vacuum Contactors & Starters
D
NEMA, Special Purpose and Mining Rating
Dimensions
Figure D-3. Open Type Contactors and Starters — Size 5 and 320A — Approximate Dimensions in Inches (mm)
8
(203.2)
.38
(9.7)
3.75
(95.3)
1.75
(44.5)
.62
(15.7)
2.74 (69.6)
.38
(9.7)
3.75
(95.3)
4.1
(104.1)
Nameplate
7.5
(190.5)
6.75 (171.5)
Drilling Plan — Rear View
Size 5 and 320A Non-reversing Contactor
.58 (14.7)
3
(76.2)
1.5
(38.1)
7.28 (184.9)
Term. Holes
12.5
(317.5)
8.94
(227.1)
Term.
to
Term.
.13
(3.3)
A
B
1.38
(35.1)
2.75 (69.9)
A
Coil
Interlock
Location
B
6.13 (155.7)
7.75 (196.9)
Line End
3.37
(85.6)
Load
End
“A”
Dim.
“A” Dim.
22 (558.8)
5.73
(145.5)
1.5
(38.1)
4.25
(108)
2.5
(63.5)
2.5
(63.5)
3.87
(98.3)
1.9
(48.3)
1.62 (41.1)
4.21
(106.9)
3.65 (92.7)
2.5
(63.5)
5.22 (132.6)
Line Term.
Nameplate
1.5
(38.1)
24.24 (615.7)
9.48 (240.8)
6.61 (167.9)
5.93 (150.6)
7.9 (200.7)
2.5
(63.5)
2.5
(63.5)
1.45
(36.8)
5.09 (129.3)
Load Term.
2
(50.8)
Nameplate
Nameplate
Terminal
Clamps
Are
Optional
Coil Interlock
Location
3/8-16 Tap
Line Terminals
Six (6) Places
3/8-16 Tap
Line Terminals
Six (6) Places
18.24
(463.3)
14
(355.6)
2.12
(53.8)
16.43
(417.3)
1.45
(36.8)
2.5
(63.5)
7.89 (200.4)
10.88
(276.4)
to
Center
of
Reset Rod
.33 (8.4)
to Center of
Reset Rod
2.48
(63)
.86
(21.8)
.33 x .75
(8.4 x 19.1)
Key Holes
3 Places
.41 (10.4)
Dia.
2 Holes
.33 (8.4)
Slot
2 Places
.31 (7.9)
Slot
2 Places
A – Two Dual Circuit
Interlocks Located
on Both Sides of
Contactor.
(When Used)
B – Coil Terminals
Located on Both
Sides of Contactor.
A – Two Dual Circuit
Interlocks Located
on Both Sides of
Starter.
(When Used)
B – Coil Terminals
Located on Both
Sides of Starter.
Size 5 and 320A Reversing Contactor
320A Reversing Starter
8
(203.2)
.38
(9.7)
7.5
(190.5)
6.75 (171.5)
Drilling Plan — Rear View
Size 5 and 320A Non-reversing Starter
.58 (14.7)
3
(76.2)
1.88
(47.8)
1.5
(38.1)
1.32
(33.5)
.53
(13.5)
2.56
(65.0)
14
(355.6)
18
(457.2)
.14
(3.6)
1.38
(35.1)
2
(50.8)
.33 x .75
(8.4 x 19.1)
Key Holes
3 Places
.41 (10.4)
Dia.
2 Holes
.31 (7.9)
Slot
2 Places
.33 (8.4)
Slot
2 Places
2.5
(63.5)
24 (609.6)
1.89 (48.0)
4
(101.6)
22.25
(565.2)
8 (203.2) Line
3.25
(82.6)
10.71(272.0)
7 (177.8)
Normal
or Tripped
7 (177.8)
Normal
or Tripped
Type B Relay
Max. Dim to Reset
Type A Relay
Max. Dim to Reset
Type B Relay
Automatic Reset
6.75
(171.5)
6.73
(170.9)
6.61
(167.9)
4.08
(103.6)
Tab36.fm Page 8 Monday, September 22, 2008 7:39 AM


Similar Part No. - V201K4CJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
V20100980 TOSHIBA-V20100980 Datasheet
4Mb / 63P
   COLOURTELEVISION
2003
logo
Vishay Siliconix
V20100C VISHAY-V20100C Datasheet
167Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 31-Jul-08
V20100C VISHAY-V20100C Datasheet
161Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20100C-E3 VISHAY-V20100C-E3 Datasheet
167Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.50 V at IF = 5 A
Revision: 13-Dec-16
V20100C-E3 VISHAY-V20100C-E3 Datasheet
214Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results

Similar Description - V201K4CJ

ManufacturerPart #DatasheetDescription
logo
GREEGOO Electric Co.,Lt...
EVC8 GREEGOO-EVC8 Datasheet
543Kb / 6P
   Vacuum Contactors
GVC6-400 GREEGOO-GVC6-400 Datasheet
215Kb / 2P
   Vacuum Contactors
GVC1-400A GREEGOO-GVC1-400A Datasheet
444Kb / 4P
   Vacuum Contactors
GVC611-2000 GREEGOO-GVC611-2000 Datasheet
458Kb / 6P
   Vacuum Contactors
logo
List of Unclassifed Man...
C320KGS1 ETC-C320KGS1 Datasheet
139Kb / 7P
   IEC Contactors & Starters
H2013B-3 ETC2-H2013B-3 Datasheet
98Kb / 2P
   NEMA Contactors & Starters Freedom
C25DNA215AA161-84 ETC-C25DNA215AA161-84 Datasheet
827Kb / 5P
   Definite Purpose Contactors & Starters
AN14AN0A3E005 ETC-AN14AN0A3E005 Datasheet
226Kb / 4P
   NEMA Contactors & Starters 33-79
LC1K0910F7 ETC2-LC1K0910F7 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
LC1D18P7 ETC2-LC1D18P7 Datasheet
13Mb / 252P
   TeSys??IEC-Style Contactors and Starters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com