Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM311D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM311D
Description  Quad Differential Comparators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM311D Datasheet(HTML) 4 Page - Texas Instruments

  LM311D Datasheet HTML 1Page - Texas Instruments LM311D Datasheet HTML 2Page - Texas Instruments LM311D Datasheet HTML 3Page - Texas Instruments LM311D Datasheet HTML 4Page - Texas Instruments LM311D Datasheet HTML 5Page - Texas Instruments LM311D Datasheet HTML 6Page - Texas Instruments LM311D Datasheet HTML 7Page - Texas Instruments LM311D Datasheet HTML 8Page - Texas Instruments LM311D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LM111, LM211, LM311
SLCS007I – SEPTEMBER 1973 – REVISED JUNE 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC+
(2)
18
Supply voltage
VCC–
(2)
–18
V
VCC+ – VCC–
36
VID
Differential input voltage(3)
±30
V
VI
Input voltage (either input)(2)(4)
±15
V
Voltage from emitter output to VCC–
30
V
LM111
50
LM211
50
Voltage from collector output to VCC–
V
LM211Q
50
LM311
40
Duration of output short circuit to ground
10
s
TJ
Operating virtual-junction temperature
150
°C
Case temperature for 60 s
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case, 10 s
J or JG package
300
°C
D, P, PS, or PW
Lead temperature 1,6 mm (1/16 inch) from case, 60 s
260
°C
package
Tstg
Storage temperature range
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, unless otherwise noted, are with respect to the midpoint between VCC+ and VCC–.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
The magnitude of the input voltage must never exceed the magnitude of the supply voltage or ±15 V, whichever is less.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage
3.5
30
V
VI
Input voltage (|VCC+| ≤ 15 V)
VCC– + 0.5
VCC+ – 1.5
V
LM111
–55
125
LM211
–40
85
TA
Operating free-air temperature range
°C
LM211Q
–40
125
LM311
0
70
4
Submit Documentation Feedback
Copyright © 1973–2015, Texas Instruments Incorporated
Product Folder Links: LM111 LM211 LM311


Similar Part No. - LM311D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM311D ONSEMI-LM311D Datasheet
174Kb / 8P
   HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
NXP Semiconductors
LM311D PHILIPS-LM311D Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
STMicroelectronics
LM311D STMICROELECTRONICS-LM311D Datasheet
236Kb / 14P
   Voltage comparator with strobe
logo
NXP Semiconductors
LM311D PHILIPS-LM311D Datasheet
86Kb / 8P
   Voltage comparator
2003 Sep 30
logo
Texas Instruments
LM311D TI-LM311D Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
More results

Similar Description - LM311D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com