Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903ITLX Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2903ITLX
Description  Low-Power, Low-Offset Voltage, Dual Comparators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903ITLX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2903ITLX Datasheet HTML 3Page - Texas Instruments LM2903ITLX Datasheet HTML 4Page - Texas Instruments LM2903ITLX Datasheet HTML 5Page - Texas Instruments LM2903ITLX Datasheet HTML 6Page - Texas Instruments LM2903ITLX Datasheet HTML 7Page - Texas Instruments LM2903ITLX Datasheet HTML 8Page - Texas Instruments LM2903ITLX Datasheet HTML 9Page - Texas Instruments LM2903ITLX Datasheet HTML 10Page - Texas Instruments LM2903ITLX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
www.ti.com
SNOSBJ6F – OCTOBER 1999 – REVISED DECEMBER 2014
7.8 Electrical Characteristics: LMx93 and LM2903 (V+ = 5 V)
(1)
LM193-N
LM293-N, LM393-
LM290-N
N
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
See (2)
9
9
9
15
mV
Input Offset Current
IIN(+)−IIN(−), VCM=0 V
100
150
50
200
nA
Input Bias Current
IIN(+) or IIN(−) with Output in
300
400
200
500
nA
Linear Range, VCM=0 V
(3)
Input Common Mode
V+=30V (4)
0
V+
−2
0
V+
−2
0
V+
−2.
V
Voltage Range
.0
.0
0
Saturation Voltage
VIN(−)=1V, VIN(+)=0,
700
700
400
700
mV
ISINK≤4 mA
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=30 V
1.0
1.0
1.0
μA
Differential Input Voltage
Keep All VIN's≥0 V (or V
, if
36
36
36
V
Used), (5)
(1)
These specifications are limited to
−55°C≤TA≤+125°C, for the LM193/LM193A. With the LM293 all temperature specifications are limited
to
−25°C≤TA≤+85°C and the LM393 temperature specifications are limited to 0°C≤TA≤+70°C. The LM2903 is limited to
−40°C≤TA≤+85°C.
(2)
At output switch point, VO≃1.4V, RS= 0 Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(3)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(4)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5 V at 25°C, but either or both inputs can go to 36 V without damage, independent of the
magnitude of V+.
(5)
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode
range, the comparator will provide a proper output state. The low input voltage state must not be less than
−0.3V (or 0.3V below the
magnitude of the negative power supply, if used).
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Similar Part No. - LM2903ITLX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2903ITLX NSC-LM2903ITLX Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM2903ITLX TI1-LM2903ITLX Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM2903ITLX/NOPB TI1-LM2903ITLX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM2903ITLX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com