Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7300MA Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP7300MA
Description  Micropower Precision Comparator and Precision Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7300MA Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP7300MA Datasheet HTML 2Page - Texas Instruments LMP7300MA Datasheet HTML 3Page - Texas Instruments LMP7300MA Datasheet HTML 4Page - Texas Instruments LMP7300MA Datasheet HTML 5Page - Texas Instruments LMP7300MA Datasheet HTML 6Page - Texas Instruments LMP7300MA Datasheet HTML 7Page - Texas Instruments LMP7300MA Datasheet HTML 8Page - Texas Instruments LMP7300MA Datasheet HTML 9Page - Texas Instruments LMP7300MA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LMP7300
SNOSAT7G – AUGUST 2007 – REVISED OCTOBER 2015
www.ti.com
6.6 Electrical Characteristics: 5-V
Unless otherwise specified, all limits are ensured for TA = 25°C, V
+ = 5 V, V= 0 V, and V
CM = V
+/2, R
PULLUP = 100 kΩ,
CLOAD = 10 pF.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
TA = 25°C
10
13
IS
Supply Current
RPULLUP = Open
μA
TJ = TA
18
COMPARATOR
TA = 25°C
±0.07
±0.75
VCM = V
+/2
SOIC
mV
TJ = TA
±2
VOS
Input Offset Voltage
TA = 25°C
±0.07
±1
VCM = V
+/2
VSSOP
mV
TJ = TA
±2.2
TCVOS
Input Offset Average Drift
See(4)
1.8
μV/°C
TA = 25°C
1.2
3
IB
Input Bias Current(5)
|VID| < 2.5 V
nA
TJ = TA
4
IOS
Input Offset Current
0.15
0.5
nA
Common Mode Rejection
CMRR
1
≤ VCM ≤ 5 V
80
100
dB
Ratio
Power Supply Rejection
PSRR
V+ = 2.7 V to 12 V
80
100
dB
Ratio
VOL
Output Voltage Low
ILOAD = 10 mA
0.25
0.4
V
ILEAK
Output Leakage Current
Comparator Output in High State
1
pA
0 < Ref-VHYSTP,N < 25 mV
1
Hysteresis Control Voltage
HCLIN
mV/V
Linearity
25 mV < Ref-VHYSTP,N < 100 mV
0.950
TA = 25°C
1.2
3
Hysteresis Leakage
IHYS
nA
Current
TJ = TA
4
Overdrive = 10 mV, CL = 10 pF
12
15
Propagation Delay
TPD
μs
(High to Low)
Overdrive = 100 mV, CL = 10 pF
4
7
REFERENCE
SOIC
2.043
2.048
2.053
V
VO
Reference Voltage
VSSOP
2.043
2.048
2.056
V
Line Regulation
VCC = 2.7 V to 12 V
14
80
μV/V
Load Regulation
IOUT = 0 to 1 mA
0.2
0.5
mV/mA
TCVREF/°
Temperature Coefficient
−40°C to 125°C
55
ppm/°C
C
0.1 Hz to 10 Hz
80
μVPP
VN
Output Noise Voltage
10 Hz to 10 kHz
100
μVRMS
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
Offset voltage average drift determined by dividing the change in VOS at temperature extremes, by the total temperature change.
(5)
Positive current corresponds to current flowing into the device.
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LMP7300


Similar Part No. - LMP7300MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7300MA NSC-LMP7300MA Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300MA NSC-LMP7300MA Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300MAX NSC-LMP7300MAX Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
LMP7300MAX NSC-LMP7300MAX Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results

Similar Description - LMP7300MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Maxim Integrated Produc...
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX9039 MAXIM-MAX9039 Datasheet
404Kb / 20P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 6; 3/09
logo
Linear Technology
LT1460-10 LINER-LT1460-10 Datasheet
287Kb / 12P
   Micropower Precision Series Reference
LT1460-5 LINER-LT1460-5 Datasheet
289Kb / 12P
   Micropower Precision Series Reference
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
Maxim Integrated Produc...
MAX9043 MAXIM-MAX9043 Datasheet
417Kb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 1; 10/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com