Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903M Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2903M
Description  Low-Power, Low-Offset Voltage, Dual Comparators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903M Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2903M Datasheet HTML 2Page - Texas Instruments LM2903M Datasheet HTML 3Page - Texas Instruments LM2903M Datasheet HTML 4Page - Texas Instruments LM2903M Datasheet HTML 5Page - Texas Instruments LM2903M Datasheet HTML 6Page - Texas Instruments LM2903M Datasheet HTML 7Page - Texas Instruments LM2903M Datasheet HTML 8Page - Texas Instruments LM2903M Datasheet HTML 9Page - Texas Instruments LM2903M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM193-N, LM2903-N, LM293-N, LM393-N
SNOSBJ6F – OCTOBER 1999 – REVISED DECEMBER 2014
www.ti.com
7.7 Electrical Characteristics: LMx93 and LM2903 V
+= 5 V, T
A = 25°C
Unless otherwise stated.
LM193-N
LM293-N, LM393-
LM2903-N
N
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
See (1)
1.0
5.0
1.0
5.0
2.0
7.0
mV
Input Bias Current
IIN(+) or IIN(−) with Output In
25
100
25
250
25
250
nA
Linear Range, VCM = 0 V
(2)
Input Offset Current
IIN(+)−IIN(−) VCM = 0 V
3.0
25
5.0
50
5.0
50
nA
Input Common Mode
V+ = 30 V (3)
0
V+
−1.
0
V+
−1
0
V+
−1
V
Voltage Range
5
.5
.5
Supply Current
RL=∞
V+=5 V
0.4
1
0.4
1
0.4
1.0
mA
V+=36 V
1
2.5
1
2.5
1
2.5
mA
Voltage Gain
RL≥15 kΩ, V
+=15 V
50
200
50
200
25
100
V/mV
VO = 1 V to 11 V
Large Signal Response
VIN=TTL Logic Swing, VREF=1.4 V
300
300
300
ns
Time
VRL=5 V, RL=5.1 kΩ
Response Time
VRL=5 V, RL=5.1 kΩ
(4)
1.3
1.3
1.5
μs
Output Sink Current
VIN(−)=1 V, VIN(+)=0, VO≤1.5 V
6.0
16
6.0
16
6.0
16
mA
Saturation Voltage
VIN(−)=1 V, VIN(+)=0, ISINK≤4 mA
250
400
250
400
250
400
mV
Output Leakage Current
VIN(−)=0, VIN(+)=1V, VO=5 V
0.1
0.1
0.1
nA
(1)
At output switch point, VO≃1.4V, RS= 0 Ω with V
+ from 5V to 30V; and over the full input common-mode range (0V to V+−1.5V), at 25°C.
(2)
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the
state of the output so no loading change exists on the reference or input lines.
(3)
The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is V+
−1.5 V at 25°C, but either or both inputs can go to 36 V without damage, independent of the
magnitude of V+.
(4)
The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals 300 ns can be obtained, see
LMx93 and LM193A Typical Characteristics .
6
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM193-N LM2903-N LM293-N LM393-N


Similar Part No. - LM2903M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2903M NSC-LM2903M Datasheet
322Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Texas Instruments
LM2903M TI1-LM2903M Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM2903M TI1-LM2903M Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM2903M FAIRCHILD-LM2903M Datasheet
149Kb / 8P
   Single Supply Operation: 2V to 36V
More results

Similar Description - LM2903M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com