Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7271MGX Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV7271MGX
Description  Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7271MGX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV7271MGX Datasheet HTML 5Page - Texas Instruments LMV7271MGX Datasheet HTML 6Page - Texas Instruments LMV7271MGX Datasheet HTML 7Page - Texas Instruments LMV7271MGX Datasheet HTML 8Page - Texas Instruments LMV7271MGX Datasheet HTML 9Page - Texas Instruments LMV7271MGX Datasheet HTML 10Page - Texas Instruments LMV7271MGX Datasheet HTML 11Page - Texas Instruments LMV7271MGX Datasheet HTML 12Page - Texas Instruments LMV7271MGX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
0
0.5
1
1.5
2
2.5
3
3.5
4
ISINK (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VSUPPLY = 1.8V
85°C
25°C
-40°C
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
ISOURCE (mA)
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
VSUPPLY = 2.7V
85°C
25°C
-40°
0
0.5
1
1.5
2
2.5
3
3.5
4
ISOURCE (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
VSUPPLY = 1.8V
85°C
25°C
-40°C
1.8
2.3
2.8
3.3
3.8
4.3
4.8
VSUPPLY (V)
0
100
200
300
400
500
600
ISINK
4mA
2mA
1.5mA
0.5mA
1.5
2
2.5
3
3.5
4
4.5
VSUPPLY (V)
0
5
10
15
20
25
5
VOUT = LOW
85°C
25°C
-40°C
1.8
2.3
2.8
3.3
3.8
4.3
4.8
VSUPPLY (V)
0
100
200
300
400
500
600
ISOURCE
4mA
2mA
1.5mA
0.5mA
LMV7271, LMV7272, LMV7275
www.ti.com
SNOSA56I – FEBRUARY 2003 – REVISED SEPTEMBER 2015
Typical Characteristics (continued)
TA = 25°C, Unless otherwise specified.
Figure 8. Output Positive Swing vs. VSUPPLY
Figure 7. Supply Current vs. Supply Voltage (LMV7272)
Figure 9. Output Negative Swing vs. VSUPPLY
Figure 10. Output Positive Swing vs. ISOURCE
Figure 11. Output Negative Swing vs. ISINK
Figure 12. Output Positive Swing vs. ISOURCE
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV7271 LMV7272 LMV7275


Similar Part No. - LMV7271MGX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271MGX NSC-LMV7271MGX Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271MGX NSC-LMV7271MGX Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7271MGX TI1-LMV7271MGX Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7271MGX/NOPB TI1-LMV7271MGX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
More results

Similar Description - LMV7271MGX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
National Semiconductor ...
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515_15 Datasheet
371Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail
Rev. D
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com