Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1701AIDCKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1701AIDCKR
Description  microPower Comparator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1701AIDCKR Datasheet(HTML) 2 Page - Texas Instruments

  TLV1701AIDCKR Datasheet HTML 1Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 2Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 3Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 4Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 5Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 6Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 7Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 8Page - Texas Instruments TLV1701AIDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TLV1701, TLV1702, TLV1704
SBOS589D – DECEMBER 2013 – REVISED JUNE 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 12
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 12
2
Applications ........................................................... 1
9
Applications and Implementation ...................... 13
3
Description ............................................................. 1
9.1
Application Information............................................ 13
4
Revision History..................................................... 2
9.2
Typical Application ................................................. 13
5
Device Comparison ............................................... 4
10
Power Supply Recommendations ..................... 14
6
Pin Configuration and Functions ......................... 5
11
Layout................................................................... 15
7
Specifications......................................................... 6
11.1
Layout Guidelines ................................................. 15
7.1
Absolute Maximum Ratings ...................................... 6
11.2
Layout Example .................................................... 15
7.2
ESD Ratings.............................................................. 6
12
Device and Documentation Support ................. 16
7.3
Recommended Operating Conditions ....................... 6
12.1
Documentation Support ........................................ 16
7.4
Thermal Information: TLV1701 ................................. 6
12.2
Related Links ........................................................ 16
7.5
Thermal Information: TLV1702 and TLV1704........... 7
12.3
Community Resources.......................................... 16
7.6
Electrical Characteristics........................................... 7
12.4
Trademarks ........................................................... 16
7.7
Switching Characteristics .......................................... 7
12.5
Electrostatic Discharge Caution ............................ 16
7.8
Typical Characteristics .............................................. 8
12.6
Glossary ................................................................ 16
8
Detailed Description ............................................ 11
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 11
Information ........................................................... 16
8.2
Functional Block Diagram ....................................... 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (December 2014) to Revision D
Page
Changed document status to Production Data from Mixed Status ........................................................................................ 1
Changed status of TLV1702 RUG package to Production Data ............................................................................................ 1
Changes from Revision B (October 2014) to Revision C
Page
Changed TLV1701 DCK package from preview to production data ...................................................................................... 1
Changed Handling Ratings table to ESD Ratings table, and moved storage temperature to Absolute Maximum
Ratings table........................................................................................................................................................................... 6
Changes from Revision A (September 2014) to Revision B
Page
Changed footnote 2 in Device Information table: added TLV1701 to list of available devices .............................................. 1
Added TLV1701 to list of production data packages in footnote for the Pin Configuration and Functions section .............. 5
Added TLV1701 row to V(ESD) parameter in Handling Ratings table ...................................................................................... 6
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TLV1701 TLV1702 TLV1704


Similar Part No. - TLV1701AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701AQDCKRQ1 TI1-TLV1701AQDCKRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701AQDCKTQ1 TI1-TLV1701AQDCKTQ1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1701AIDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
   Micropower Dual Comparator
logo
Vishay Siliconix
L161 VISHAY-L161 Datasheet
617Kb / 11P
   MicroPower Quad Comparator
logo
Linear Technology
LTC1040 LINER-LTC1040_09 Datasheet
221Kb / 12P
   Dual Micropower Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
   Dual Micropower Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
   Micropower Dual Comparator
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com