Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7275MG Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7275MG
Description  Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7275MG Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV7275MG Datasheet HTML 6Page - Texas Instruments LMV7275MG Datasheet HTML 7Page - Texas Instruments LMV7275MG Datasheet HTML 8Page - Texas Instruments LMV7275MG Datasheet HTML 9Page - Texas Instruments LMV7275MG Datasheet HTML 10Page - Texas Instruments LMV7275MG Datasheet HTML 11Page - Texas Instruments LMV7275MG Datasheet HTML 12Page - Texas Instruments LMV7275MG Datasheet HTML 13Page - Texas Instruments LMV7275MG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
0
500
1000
1500
2000 2500
3000
-100
0
100
0
1
2
3
4
5
TIME (ns)
50mV
20mV
VCC = 1.8 V
TEMP = 25°C
LOAD = 5k: 50pF
OVERDRIVE
|
|
0
500
1000
1500
2000
2500 3000
-100
0
100
0
1
2
3
4
5
TIME (ns)
50mV
20mV
VCC = 2.7V
TEMP = 25°C
LOAD = 5k: 50pF
OVERDRIVE
|
|
0
0.5
1
1.5
2
2.5
3
3.5
4
ISOURCE (mA)
0
0.1
0.2
0.3
0.4
85°C
25°C
-40°C
VSUPPLY = 5V
0
500
1000
1500
2000
2500 3000
-100
0
100
0
1
2
3
4
5
TIME (ns)
50mV
20mV
VCC = 1.8V
TEMP = 25°C
LOAD = 5k: 50pF
OVERDRIVE
|
|
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
ISINK (mA)
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
85°C
25°C
-40°C
VSUPPLY = 2.7V
0
0.5
1
1.5
2
2.5
3
3.5
4
ISINK (mA)
0
0.1
0.2
0.3
0.4
85°C
25°C
-40°C
VSUPPLY = 5V
LMV7271, LMV7272, LMV7275
SNOSA56I – FEBRUARY 2003 – REVISED SEPTEMBER 2015
www.ti.com
Typical Characteristics (continued)
TA = 25°C, Unless otherwise specified.
Figure 13. Output Negative Swing vs. ISINK
Figure 14. Output Negative Swing vs. ISINK
Figure 16. Propagation Delay (tPLH)
Figure 15. Output Positive Swing vs. ISOURCE
Figure 17. Propagation Delay (tPHL)
Figure 18. Propagation Delay (tPLH)
10
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LMV7271 LMV7272 LMV7275


Similar Part No. - LMV7275MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7275MG NSC-LMV7275MG Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7275MG NSC-LMV7275MG Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7275MG TI1-LMV7275MG Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
LMV7275MG/NOPB TI1-LMV7275MG/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
National Semiconductor ...
LMV7275MGX NSC-LMV7275MGX Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
More results

Similar Description - LMV7275MG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7271 NSC-LMV7271 Datasheet
494Kb / 16P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7272TL-NOPB TI1-LMV7272TL-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
National Semiconductor ...
LMV7271 NSC-LMV7271_08 Datasheet
939Kb / 18P
   Single & Dual, 1.8V Low Power Comparators with Rail-to-Rail Input
logo
Texas Instruments
LMV7275-Q1 TI1-LMV7275-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV7275-Q1 TI-LMV7275-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV7275-Q1 Automotive Single 1.8-V Low Power Comparator With Rail-to-Rail Input
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515_15 Datasheet
371Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail
Rev. D
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com