Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLM-128CA-16A Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # KLM-128CA-16A
Description  LED Dot Matrix(module designed for light emitting display device)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KLM-128CA-16A Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  KLM-128CA-16A Datasheet HTML 1Page - KODENSHI_AUK CORP. KLM-128CA-16A Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KODENSHI
- 1 -
KLM-128CA-16A
LED Dot Matrix
(Ta=25℃)
This module designed for light emitting display device. Organize with 16×16 matrix combination with 256 of DUAL(Red,
Green) Chip LEDs, for indoor use.
FEATURES
•Active display size : 128mm×128mm
•Dot size : ø6.5
•Dot pitch : 8mm
•Display color : RED, GREEN, AMBER(Mixed color)
•Duty rate : 1/16
•Dot matrix : 256(16×16)
•Weight : 90g(Typ.)
DIMENSIONS
(Unit : mm)
18
6
6
-0.5~VDD
115
-20~+65
-20~+70
PD
VDD
VLED
Vin
Tj
Topr
Tstg
Power dissipation
Supply voltage(DRIVE)
Supply voltage(LED)
Logic input power
Junction Temp.
Operating Temp.
Storage Temp.
RATINGS
SYMBOL
ITEM
MAXIMUM RATINGS
W
V
V
V
UNIT COND.
OPTICAL CHARACTERISTICS
Bright-ness(16×16)
Dot-Balance
Emisson Wavelengh
Spectrum half-band
GREEN
RED
AMBER
GREEN
RED
AMBER
GREEN
RED
AMBER
GREEN
RED
ITEM
TYP.
-
-
-
-
-
-
-
-
-
-
-
IVg
IVr
IVo
IVRg
IVRr
IVRo
λpg
λpr
λpo
△λg
△λr
VDD=5V
VLED=5V
-
-
-
2
2
2
-
-
-
-
-
100
120
180
-
-
-
570
660
-
30
40
cd/m
2 * 1
-
nm
nm
SYMBOL
MIN.
CONDTION
MAX.
UNIT.
TEST AREA
(
*1)
(Ta=25℃)


Similar Part No. - KLM-128CA-16A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLM-128CA-16B KODENSHI-KLM-128CA-16B Datasheet
194Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
More results

Similar Description - KLM-128CA-16A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KLM-040MA-16B KODENSHI-KLM-040MA-16B Datasheet
145Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128MA-16A KODENSHI-KLM-128MA-16A Datasheet
152Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16B KODENSHI-KLM-096CA-16B Datasheet
171Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096MA-16A KODENSHI-KLM-096MA-16A Datasheet
152Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128CA-16B KODENSHI-KLM-128CA-16B Datasheet
194Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128LA-16A KODENSHI-KLM-128LA-16A Datasheet
157Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-064MA-16B KODENSHI-KLM-064MA-16B Datasheet
151Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-064MA-16A KODENSHI-KLM-064MA-16A Datasheet
150Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096LA-16A KODENSHI-KLM-096LA-16A Datasheet
166Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16A KODENSHI-KLM-096CA-16A Datasheet
163Kb / 2P
   LED Dot Matrix(This module designed for light emitting display device)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com