Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC163L Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC163L
Description  Synchronous Presettable Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC163L Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 54AC163L Datasheet HTML 4Page - National Semiconductor (TI) 54AC163L Datasheet HTML 5Page - National Semiconductor (TI) 54AC163L Datasheet HTML 6Page - National Semiconductor (TI) 54AC163L Datasheet HTML 7Page - National Semiconductor (TI) 54AC163L Datasheet HTML 8Page - National Semiconductor (TI) 54AC163L Datasheet HTML 9Page - National Semiconductor (TI) 54AC163L Datasheet HTML 10Page - National Semiconductor (TI) 54AC163L Datasheet HTML 11Page - National Semiconductor (TI) 54AC163L Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 10)
C
L = 50 pF
Min
Max
f
max
Maximum Clock
5.0
90
MHz
Frequency
t
PLH
Propagation Delay, CP to Q
n
5.0
1.5
10.5
ns
(PE Input HIGH or LOW)
t
PHL
Propagation Delay, CP to Q
n
5.0
1.5
10.5
ns
(PE Input HIGH or LOW)
t
PLH
Propagation Delay
5.0
1.5
12.5
ns
CP to TC
t
PHL
Propagation Delay
5.0
1.5
13.0
ns
CP to TC
t
PLH
Propagation Delay
5.0
1.5
9.5
ns
CET to TC
t
PHL
Propagation Delay
5.0
1.5
9.5
ns
CET to TC
Note 10: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 11)
C
L = 50 pF
Guaranteed
Minimum
t
s
Setup Time, HIGH or LOW
5.0
13.5
ns
P
n to CP
t
h
Hold Time, HIGH or LOW
5.0
0.5
ns
P
n to CP
t
s
Setup Time, HIGH or LOW
5.0
13.5
ns
SR to CP
t
h
Hold Time, HIGH or LOW
5.0
0.0
ns
SR to CP
t
s
Setup Time, HIGH or LOW
5.0
11.5
ns
PE to CP
t
h
Hold Time, HIGH or LOW
5.0
0.0
ns
PE to CP
t
s
Setup Time, HIGH or LOW
5.0
7.0
ns
CEP or CET to CP
t
h
Hold Time, HIGH or LOW
5.0
0.5
ns
CEP or CET to CP
t
w
Clock Pulse Width (Load)
5.0
5.0
ns
HIGH or LOW
t
w
Clock Pulse Width
5.0
5.0
ns
(Count) HIGH or LOW
Note 11: Voltage Range 5.0 is 5.0V ±0.5V
www.national.com
8


Similar Part No. - 54AC163L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
321Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373_07 Datasheet
321Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374 Datasheet
350Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - 54AC163L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com