Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2901N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901N
Description  Quad Differential Comparators
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2901N Datasheet(HTML) 4 Page - Texas Instruments

  LM2901N Datasheet HTML 1Page - Texas Instruments LM2901N Datasheet HTML 2Page - Texas Instruments LM2901N Datasheet HTML 3Page - Texas Instruments LM2901N Datasheet HTML 4Page - Texas Instruments LM2901N Datasheet HTML 5Page - Texas Instruments LM2901N Datasheet HTML 6Page - Texas Instruments LM2901N Datasheet HTML 7Page - Texas Instruments LM2901N Datasheet HTML 8Page - Texas Instruments LM2901N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
GND
NC
4IN+
NC
4IN−
VCC
NC
2IN−
NC
2IN+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN−
2IN+
1IN−
1IN+
OUT3
OUT4
GND
4IN+
4IN−
3IN+
3IN−
LM139, LM239, LM339, LM139A
LM239A, LM339A, LM2901, LM2901AV, LM2901V
SLCS006T – OCTOBER 1979 – REVISED JUNE 2015
www.ti.com
6 Pin Configuration and Functions
D, DB, N, NS, PW, J, or W Package
FK Package
SOIC, SSOP, PDIP, SO, TSSOP, CDIP, or CFP
20-Pin LCCC(1)
Top View
Top View
(1)
NC = no internal connection.
Pin Functions
PIN
I/O(1)
DESCRIPTION
D, J, W, B,
NAME
FK
PW, DB, N, NS
1IN+
7
10
I
Positive input pin of the comparator 1
1IN–
6
9
I
Negative input pin of the comparator 1
1OUT
1
2
O
Output pin of the comparator 1
2IN+
5
8
I
Positive input pin of the comparator 2
2IN–
4
6
I
Negative input pin of the comparator 2
2OUT
2
3
O
Output pin of the comparator 2
3IN+
9
13
I
Positive input pin of the comparator 3
3IN–
8
12
I
Negative input pin of the comparator 3
3OUT
14
20
O
Output pin of the comparator 3
4IN+
11
16
I
Positive input pin of the comparator 4
4IN–
10
14
I
Negative input pin of the comparator 4
4OUT
13
19
O
Output pin of the comparator 4
GND
12
18
I
Ground
VCC
3
4
I
Supply pin
1
5
7
NC
No connect (no internal connection)
11
15
17
(1)
I = Input, O = Output
4
Submit Documentation Feedback
Copyright © 1979–2015, Texas Instruments Incorporated
Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V


Similar Part No. - LM2901N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2901N MOTOROLA-LM2901N Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
Intersil Corporation
LM2901N INTERSIL-LM2901N Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Texas Instruments
LM2901N TI1-LM2901N Datasheet
1Mb / 48P
[Old version datasheet]   LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
logo
National Semiconductor ...
LM2901N NSC-LM2901N Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM2901N TI-LM2901N Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - LM2901N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com