Electronic Components Datasheet Search |
|
UPSD3233B-40U6 Datasheet(PDF) 2 Page - STMicroelectronics |
|
UPSD3233B-40U6 Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 8 page uPSD32xx 2/8 Table 1. Device Summary Part Number Max Clock (MHz) 1st Flash (bytes) 2nd Flash (bytes) SRAM (bytes) GPIO USB 8032 Bus VCC (V) Pkg. Temp. uPSD3212C-40T6 40 64K 16K 2K 37 No No 4.5-5.5 TQFP52 –40°C to 85°C uPSD3212CV-24T6 24 64K 16K 2K 37 No No 3.0-3.6 TQFP52 –40°C to 85°C uPSD3212C-40U6 40 64K 16K 2K 46 No Yes 4.5-5.5 TQFP80 –40°C to 85°C uPSD3212CV-24U6 24 64K 16K 2K 46 No Yes 3.0-3.6 TQFP80 –40°C to 85°C uPSD3233B-40T6 40 128K 32K 8K 37 No No 4.5-5.5 TQFP52 –40°C to 85°C uPSD3233BV-24T6 24 128K 32K 8K 37 No No 3.0-3.6 TQFP52 –40°C to 85°C uPSD3233B-40U6 40 128K 32K 8K 46 No Yes 4.5-5.5 TQFP80 –40°C to 85°C uPSD3233BV-24U6 24 128K 32K 8K 46 No Yes 3.0-3.6 TQFP80 –40°C to 85°C uPSD3234A-40T6 40 256K 32K 8K 37 Yes No 4.5-5.5 TQFP52 –40°C to 85°C uPSD3234A-40U6 40 256K 32K 8K 46 Yes Yes 4.5-5.5 TQFP80 –40°C to 85°C uPSD3234BV-24U6 24 256K 32K 8K 46 No Yes 3.0-3.6 TQFP80 –40°C to 85°C uPSD3253B-40T6 40 128K 32K 32K 37 No No 4.5-5.5 TQFP52 –40°C to 85°C uPSD3253BV-24T6 24 128K 32K 32K 37 No No 3.0-3.6 TQFP52 –40°C to 85°C uPSD3254BV-24U6 24 256K 32K 32K 46 No Yes 3.0-3.6 TQFP80 –40°C to 85°C uPSD3254A-40T6 40 256K 32K 32K 37 Yes No 4.5-5.5 TQFP52 –40°C to 85°C uPSD3254A-40U6 40 256K 32K 32K 46 Yes Yes 4.5-5.5 TQFP80 –40°C to 85°C Obsolete Product(s) - Obsolete Product(s) |
Similar Part No. - UPSD3233B-40U6 |
|
Similar Description - UPSD3233B-40U6 |